Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37735M4B Arkusz danych(PDF) 6 Page - Mitsubishi Electric Semiconductor

Numer części M37735M4B
Szczegółowy opis  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MITSUBISHI [Mitsubishi Electric Semiconductor]
Strona internetowa  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37735M4B Arkusz danych(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M37735M4B Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37735M4B Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37735M4B Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37735M4B Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37735M4B Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37735M4B Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37735M4B Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37735M4B Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37735M4B Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
6
MITSUBISHI MICROCOMPUTERS
M37735M4BXXXFP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Fig. 2 Location of internal peripheral devices and interrupt control registers
00002A
UART 0 transmission interrupt control register
UART 1 transmission interrupt control register
INT2
/Key input interrupt control register
Port P1 direction register
UART 0 transmit/receive mode register
UART 0 baud rate register (BRG0)
UART 0 transmit/receive control register 0
UART 0 transmit/receive control register 1
UART 0 transmission buffer register
UART 1 transmit/receive control register 0
UART 1 transmit/receive mode register
UART 1 baud rate register (BRG1)
UART 1 transmit/receive control register 1
UART 0 receive buffer register
UART 1 transmission buffer register
UART 1 receive buffer register
Port P0 register
A-D register 0
A-D register 2
Port P1 register
Port P0 direction register
Port P2 register
Port P3 register
Port P4 register
Port P5 register
Port P6 register
Port P7 register
Port P8 register
A-D control register 0
A-D control register 1
A-D register 1
A-D register 3
A-D register 4
A-D register 5
000000
000001
000002
000003
000005
000006
000007
000008
000009
000010
000011
000012
000013
000014
000015
000016
000017
000018
000019
00001A
00001B
00001C
00001D
00001E
00001F
000020
000021
000022
000023
000024
000025
000026
000027
000028
000029
00002B
00002C
00002D
00002E
00002F
000030
000031
000032
000033
000034
000035
000036
000037
000038
000039
00003A
00003B
00003C
00003D
00003E
00003F
00000B
00000C
00000D
00000E
00000F
00000A
000004
000040
000041
000042
000043
000045
000046
000047
000048
000049
000050
000051
000052
000053
000054
000055
000056
000057
000058
000059
00005A
00005B
00005C
00005D
00005E
00005F
000060
000061
000062
000063
000064
000065
000066
000067
000068
000069
00006A
00006B
00006C
00006D
00006E
00006F
000070
000071
000072
000073
000074
000075
000076
000077
000078
000079
00007A
00007B
00007C
00007D
00007E
00007F
00004B
00004C
00004D
00004E
00004F
00004A
000044
Address (Hexadecimal notation)
Address (Hexadecimal notation)
Timer A1 register
Timer A4 register
Timer A2 register
Timer A3 register
Timer B0 register
Timer B1 register
Timer B2 register
Count start flag
One-shot start flag
Up-down flag
Timer A0 register
Timer A0 mode register
Timer A1 mode register
Timer A2 mode register
Timer A4 mode register
Timer B0 mode register
Timer B1 mode register
Timer B2 mode register
Processor mode register 0
Watchdog timer register
Watchdog timer frequency selection flag
A-D/UART 2 trans./rece. interrupt control register
UART 0 receive interrupt control register
UART 1 receive interrupt control register
Timer A0 interrupt control register
Timer A1 interrupt control register
Timer A2 interrupt control register
Timer A3 interrupt control register
Timer A4 interrupt control register
Timer B0 interrupt control register
Timer B1 interrupt control register
Timer B2 interrupt control register
INT0
interrupt control register
INT1
interrupt control register
Processor mode register 1
Oscillation circuit control register 1
Serial transmit control register
Port function control register
Oscillation circuit control register 0
Timer A3 mode register
Port P2 direction register
Port P3 direction register
Port P4 direction register
Port P5 direction register
Port P6 direction register
Port P7 direction register
Port P8 direction register
Reserved area (Note)
Reserved area (Note)
A-D register 6
A-D register 7
UART 2 transmit/receive control register 1
UART 2 transmit/receive control register 0
UART 2 transmission buffer register
UART 2 baud rate register (BRG2)
UART 2 transmit/receive mode register
Memory allocation control register
Reserved area (Note)
UART 2 receive buffer register
Note. Do not write to this address.


Podobny numer części - M37735M4B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
M37735M4BXXXFP RENESAS-M37735M4BXXXFP Datasheet
436Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Podobny opis - M37735M4B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com