Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP293-4 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP293-4
Szczegółowy opis  TOSHIBA PHOTOCOUPLER InGaAs IRED and PHOTO-TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP293-4 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP293-4 Datasheet HTML 1Page - Toshiba Semiconductor TLP293-4 Datasheet HTML 2Page - Toshiba Semiconductor TLP293-4 Datasheet HTML 3Page - Toshiba Semiconductor TLP293-4 Datasheet HTML 4Page - Toshiba Semiconductor TLP293-4 Datasheet HTML 5Page - Toshiba Semiconductor TLP293-4 Datasheet HTML 6Page - Toshiba Semiconductor TLP293-4 Datasheet HTML 7Page - Toshiba Semiconductor TLP293-4 Datasheet HTML 8Page - Toshiba Semiconductor TLP293-4 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLP293-4
2015-10-21
1
TOSHIBA PHOTOCOUPLER InGaAs IRED & PHOTO-TRANSISTOR
TLP293-4
Programmable Controllers
Switching Power Supplies
Simplex/Multiplex Data Transmissions
TLP293-4 consists of phototransistors optically coupled to InGaAs infrared
emitting diodes.
TLP293-4 photocoupler is housed in the very small and thin SO16 package.
Since the TLP293-4 is guaranteed wide operating temperature range
(Ta=-
55 to 125
˚C), and high isolation voltage (3750 Vrms), it is suitable for high-
density surface mount applications such as programmable controllers.
Collector-Emitter Voltage : 80 V (min)
Current Transfer Ratio
: 50% (min)
GB rank: 100% (min)
Isolation Voltage
: 3750 Vrms (min)
Operation temperature range: -55 to 125
˚C
Safety standards
UL-approved: UL1577, File No. E67349
cUL-approved: CSA Component Acceptance Service No.5A,
File No. E67349
CQC- approved :
GB4943.1, GB8898
仅适用干海拔 2000 m 以下地区安全使用
VDE-approved : EN60747-5-5 (Note)
Note :
When an EN60747-5-5 approved type is needed,
please designate the Option (V4).
Construction Mechanical Rating
Start of commercial production
2014-04
TOSHIBA
11-11F1
Weight: 0.19 g (typ.)
Creepage Distance
Clearance
Internal isolation thickness
5.0 mm (min)
5.0 mm (min)
0.4 mm (min)
TLP293-4
8
9
1
2
3
4
5
6
7
10
11
12
13
14
15
16
Pin Configuration
Unit: mm
1,3,5,7
: Anode
2,4,6,8
: Cathode
9,11,13,15
: Emitter
10,12,14,16 : Collector


Podobny numer części - TLP293-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP293 TOSHIBA-TLP293 Datasheet
649Kb / 15P
   Infrared LED & Photo Transistor
More results

Podobny opis - TLP293-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP292-4 TOSHIBA-TLP292-4 Datasheet
731Kb / 12P
   TOSHIBA PHOTOCOUPLER InGaAs IRED and PHOTO-TRANSISTOR
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
   TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
TLP141G TOSHIBA-TLP141G Datasheet
176Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285 TOSHIBA-TLP285 Datasheet
384Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP321-2 TOSHIBA-TLP321-2 Datasheet
222Kb / 9P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com