Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP363J Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP363J
Szczegółowy opis  TOSHIBA Photocoupler GaAs Ired LED and Photo-Triac
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP363J Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP363J_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP363J_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP363J_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP363J_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP363J_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP363J_14 Datasheet HTML 6Page - Toshiba Semiconductor TLP363J_14 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP363J
2014-09-01
1
TOSHIBA Photocoupler GaAs Ired LED & Photo-Triac
TLP363J
Triac Drivers
Programmable Controllers
AC-Output Modules
Solid State Relays
TOSHIBA TLP363J consists of a zero-voltage-crossing turn-on photo-triac
optically coupled to a gallium arsenide infrared-emitting diode in a four-lead
plastic DIP package.
This product has a greater capacity to withstand external noise than the
TLP361J.
• Peak off-state voltage: 600 V (min)
• Trigger LED current: 10 mA (max)
• On-state current: 100 mA (max)
• Isolation voltage: 5000 Vrms (min)
• Zero crossing function
• UL recognized: UL1577, file No. E67349
• Option (D4) type
TÜV approved: DIN EN60747-5-2
Certificate No. R50033433
Maximum operating insulation voltage : 890 Vpk
Maximum permissible overvoltage
: 8000 Vpk
(Note) When an EN60747-5-2 approved type is needed, please designate “Option (D4).”
•Construction mechanical rating
7.62 mm pitch
TLPXXX type
10.16 mm pitch
TLPXXXF type
Creepage distance
Clearance
Insulation thickness
7.0 mm (min)
7.0 mm (min)
0.4 mm (min)
8.0 mm (min)
8.0 mm (min)
0.4 mm (min)
TOSHIBA
11-5B2
Weight: 0.26 g (typ.)
Unit: mm
Pin Configuration (top view)
1: Anode
2: Cathode
3: Triac T1
4: Triac T2
1
2
3
4
ZC
Start of commercial production
2004/01


Podobny numer części - TLP363J_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP363JF TOSHIBA-TLP363JF Datasheet
140Kb / 2P
   GaAs Ired & Photo-Triac
More results

Podobny opis - TLP363J_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP161J TOSHIBA-TLP161J_14 Datasheet
423Kb / 6P
   TOSHIBA Photocoupler GaAs IRED and Photo-Triac
TLP361J TOSHIBA-TLP361J_14 Datasheet
207Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Triac
TLP163J TOSHIBA-TLP163J Datasheet
211Kb / 5P
   TOSHIBA Photocoupler GaAs IRED and Photo-Triac
TLP160G TOSHIBA-TLP160G_14 Datasheet
217Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Triac
TLP360J TOSHIBA-TLP360J_14 Datasheet
186Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Triac
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com