Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMA78 Arkusz danych(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Numer części SMA78
Szczegółowy opis  Cascadable Amplifier 5 to 300 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMA78 Arkusz danych(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SMA78 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMA78 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMA78 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Cascadable Amplifier
5 to 300 MHz
Rev. V3
A78 / SMA78
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Outline Drawing: TO-8 *
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Typical Performance Curves at +25°C
Outline Drawing: Surface Mount *
Outline Drawing: SMA Connectorized *
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 19 grams (0.67 oz.) max


Podobny numer części - SMA78

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
SMA78 MACOM-SMA78 Datasheet
109Kb / 1P
   5 TO 300 MHz CASCADABLE AMPLIFIER
SMA78 MACOM-SMA78 Datasheet
382Kb / 2P
   Cascadable Amplifier 5 to 300 MHz
logo
MIC GROUP RECTIFIERS
SMA78 MIC-SMA78 Datasheet
65Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
M/A-COM Technology Solu...
SMA78 MA-COM-SMA78 Datasheet
1Mb / 2P
   Cascadable Amplifier
logo
SUNMATE electronic Co.,...
SMA78 SUNMATE-SMA78 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Podobny opis - SMA78

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
A79 MACOM-A79 Datasheet
112Kb / 1P
   5 TO 300 MHz CASCADABLE AMPLIFIER
A88-1 MACOM-A88-1 Datasheet
358Kb / 2P
   Cascadable Amplifier 5 to 300 MHz
logo
M/A-COM Technology Solu...
A88-1 MA-COM-A88-1 Datasheet
195Kb / 2P
   Cascadable Amplifier 5 to 300 MHz
logo
Tyco Electronics
A78 MACOM-A78_1 Datasheet
382Kb / 2P
   Cascadable Amplifier 5 to 300 MHz
A79 MACOM-A79_1 Datasheet
386Kb / 2P
   Cascadable Amplifier 5 to 300 MHz
A78 MACOM-A78 Datasheet
109Kb / 1P
   5 TO 300 MHz CASCADABLE AMPLIFIER
A87-2 MACOM-A87-2 Datasheet
108Kb / 1P
   10 TO 300 MHz CASCADABLE AMPLIFIER
A87-2 MACOM-A87-2_1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 300 MHz
logo
M/A-COM Technology Solu...
SMA11 MA-COM-SMA11 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 1000 MHz
A54 MA-COM-A54 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com