Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M02139 Arkusz danych(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Numer części M02139
Szczegółowy opis  1G/10G Gbps TIA with AGC and Rate Select
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02139 Arkusz danych(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button M02139 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
02139-DSH-001-D
Mindspeed Technologies
®
8
Mindspeed Proprietary and Confidential
3.0
Functional Description
3.1
Overview
The M02139 is a 10.3 Gbps TIA with a wide input dynamic range to support different transmission distance
requirements. Input overload of 2.0 mAPP is provided to support short-haul fiber optic systems. In order to satisfy
such high sensitivity and good optical overload requirements, automatic gain control circuit (AGC) is implemented
in the M02139. The AGC monitors the output amplitude and automatically reduces the TIA gain when the
photodiode current exceeds the AGC threshold, maintaining the output at a constant level.
A replica of the average photodiode current is available at the MON pad for photo-alignment and SFF-8472 Rx
power monitoring. A low pass filter can be engaged by pulling IMON above 1.6 V, for 1.25 Gbps operation.
Figure 3-1.
M02139 Block Diagram
DOUT
DOUT
TIA
AGC
Voltage Reg
VREG
BGAP
Current
Ref Gen
Gain
AGC
Vreg
MON
PINA
PINK
Output
Buffer
DC
Servo
Rf


Podobny numer części - M02139

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
M02139 ETC2-M02139 Datasheet
365Kb / 18P
   10GBASE-SR, IR and LR Links
More results

Podobny opis - M02139

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
02020-DSH-001-F MA-COM-02020-DSH-001-F Datasheet
300Kb / 15P
   4 Gbps CMOS TIA with AGC
logo
Texas Instruments
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI-ONET2591TA Datasheet
949Kb / 15P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI1-ONET4291TA_12 Datasheet
963Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI1-ONET2591TA_17 Datasheet
951Kb / 16P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
logo
Sanyo Semicon Device
LA7205M SANYO-LA7205M Datasheet
14Kb / 1P
   AGC AMP, INPUT SELECT, AGC DET, COMPARATOR
logo
Texas Instruments
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
[Old version datasheet]   11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
logo
M/A-COM Technology Solu...
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com