Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC08100CIMTX Arkusz danych(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części ADC08100CIMTX
Szczegółowy opis  8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08100CIMTX Arkusz danych(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC08100CIMTX Datasheet HTML 6Page - National Semiconductor (TI) ADC08100CIMTX Datasheet HTML 7Page - National Semiconductor (TI) ADC08100CIMTX Datasheet HTML 8Page - National Semiconductor (TI) ADC08100CIMTX Datasheet HTML 9Page - National Semiconductor (TI) ADC08100CIMTX Datasheet HTML 10Page - National Semiconductor (TI) ADC08100CIMTX Datasheet HTML 11Page - National Semiconductor (TI) ADC08100CIMTX Datasheet HTML 12Page - National Semiconductor (TI) ADC08100CIMTX Datasheet HTML 13Page - National Semiconductor (TI) ADC08100CIMTX Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Typical Performance Characteristics V
A =DRVD = 3V, fCLK = 100 MHz, fIN = 41 MHz, unless
otherwise stated (Continued)
Distortion vs Input Frequency
Distortion vs Clock Duty Cycle
10137128
10137129
SINAD/ENOB vs Temperature
SINAD/ENOB vs Supply Voltage
10137130
10137138
SINAD/ENOB vs Sample Rate
SINAD/ENOB vs Input Frequency
10137116
10137139
www.national.com
10


Podobny numer części - ADC08100CIMTX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC08100CIMTC NSC-ADC08100CIMTC Datasheet
438Kb / 20P
   8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
Texas Instruments
ADC08100CIMTC TI1-ADC08100CIMTC Datasheet
1Mb / 28P
[Old version datasheet]   ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
ADC08100CIMTC/NOPB TI1-ADC08100CIMTC/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
National Semiconductor ...
ADC08100CIMTCX NSC-ADC08100CIMTCX Datasheet
438Kb / 20P
   8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
Texas Instruments
ADC08100CIMTCX/NOPB TI1-ADC08100CIMTCX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
More results

Podobny opis - ADC08100CIMTX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC08100 NSC-ADC08100_08 Datasheet
438Kb / 20P
   8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
Texas Instruments
ADC08100 TI1-ADC08100_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
National Semiconductor ...
ADC08060 NSC-ADC08060 Datasheet
539Kb / 19P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08060 TI1-ADC08060_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
logo
National Semiconductor ...
ADC08200 NSC-ADC08200 Datasheet
905Kb / 19P
   8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Analog Devices
AD775 AD-AD775_15 Datasheet
336Kb / 12P
   8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV. 0
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD775 AD-AD775 Datasheet
332Kb / 12P
   8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com