Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2651 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części LM2651
Szczegółowy opis  1.5 A High-Efficiency Synchronous Switching Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2651 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LM2651_16 Datasheet HTML 6Page - Texas Instruments LM2651_16 Datasheet HTML 7Page - Texas Instruments LM2651_16 Datasheet HTML 8Page - Texas Instruments LM2651_16 Datasheet HTML 9Page - Texas Instruments LM2651_16 Datasheet HTML 10Page - Texas Instruments LM2651_16 Datasheet HTML 11Page - Texas Instruments LM2651_16 Datasheet HTML 12Page - Texas Instruments LM2651_16 Datasheet HTML 13Page - Texas Instruments LM2651_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LM2651
SNVS032E – FEBRUARY 2000 – REVISED JANUARY 2016
www.ti.com
7 Detailed Description
7.1 Overview
The LM2651 operates in a constant frequency (300 kHz), current-mode PWM for moderate to heavy loads, and
automatically switches to hysteretic mode for light loads. In hysteretic mode, the switching frequency is reduced
to maintain high efficiency.
7.2 Functional Block Diagram
10
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Product Folder Links: LM2651


Podobny numer części - LM2651_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI-LM2651_15 Datasheet
946Kb / 19P
[Old version datasheet]   LM2651 1.5A High Efficiency Synchronous Switching Regulator
More results

Podobny opis - LM2651_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
ON Semiconductor
FAN53763 ONSEMI-FAN53763 Datasheet
288Kb / 12P
   1.5 A Synchronous Buck Regulator
October, 2017 ??Rev. 1
FAN53713 ONSEMI-FAN53713 Datasheet
437Kb / 12P
   1.5 A Synchronous Buck Regulator
September, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com