Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3492HCMHX Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części LM3492HCMHX
Szczegółowy opis  Two-Channel, Individual Dimmable LED Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3492HCMHX Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM3492HCMHX Datasheet HTML 5Page - Texas Instruments LM3492HCMHX Datasheet HTML 6Page - Texas Instruments LM3492HCMHX Datasheet HTML 7Page - Texas Instruments LM3492HCMHX Datasheet HTML 8Page - Texas Instruments LM3492HCMHX Datasheet HTML 9Page - Texas Instruments LM3492HCMHX Datasheet HTML 10Page - Texas Instruments LM3492HCMHX Datasheet HTML 11Page - Texas Instruments LM3492HCMHX Datasheet HTML 12Page - Texas Instruments LM3492HCMHX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Input Voltage (V)
6
8
10
12
14
16
18
20
22
24
26
200
250
300
350
400
450
500
550
600
650
700
750
800
D001
VOUT = 27V
VOUT = 30V
VOUT = 33V
VOUT = 36V
Input Voltage (V)
6
8
10
12
14
16
18
20
22
24
160
180
200
220
240
260
280
300
320
D001
VOUT = 27V
VOUT = 30V
VOUT = 33V
VOUT = 36V
LM3492HC-Q1, LM3492HC
www.ti.com
SNVS797B – MARCH 2012 – REVISED OCTOBER 2015
Typical Characteristics (continued)
Unless otherwise specified the following conditions apply: TJ = 25°C, VIN = 12 V with configuration in typical application circuit
for ILED = 250 mA shown in this data sheet.
ILED = 0.25 A
Dimming frequency = 200 Hz
Figure 12. LED 50% Dimming Waveforms
Figure 11. Steady-State Operation
ILED = 0.25 A
Dimming frequency = 200 Hz
ILED = 0.25 A
Dimming frequency = 200 Hz
Figure 14. 10000:1 LED Dimming Waveforms
Figure 13. 1000:1 LED Dimming Waveforms
ILED = 0.15 A
RRT = 178 kΩ
ILED = 0.15 A
RRT = 499 kΩ
Figure 15. Switching Frequency vs Input Voltage
Figure 16. Switching Frequency vs Input Voltage
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3492HC-Q1 LM3492HC


Podobny numer części - LM3492HCMHX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3492HCMHX TI1-LM3492HCMHX Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
More results

Podobny opis - LM3492HCMHX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3492 TI1-LM3492 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver
LM3492 TI1-LM3492_15 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492MH TI-LM3492MH Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
logo
Diodes Incorporated
AL1692-30B DIODES-AL1692-30B Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1692-10E DIODES-AL1692-10E Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1698 DIODES-AL1698 Datasheet
748Kb / 15P
   DIMMABLE LED DRIVER
September 2019
logo
Supertex, Inc
HV9801A SUTEX-HV9801A Datasheet
969Kb / 9P
   Switch Dimmable LED Driver
HV9801A SUTEX-HV9801A_12 Datasheet
990Kb / 9P
   Switch Dimmable LED Driver
logo
Diodes Incorporated
AL16937 DIODES-AL16937 Datasheet
327Kb / 15P
   BUCK DIMMABLE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com