Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM25019MR Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LM25019MR
Szczegółowy opis  100-mA Constant On-Time Synchronous Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM25019MR Arkusz danych(HTML) 1 Page - Texas Instruments

  LM25019MR Datasheet HTML 1Page - Texas Instruments LM25019MR Datasheet HTML 2Page - Texas Instruments LM25019MR Datasheet HTML 3Page - Texas Instruments LM25019MR Datasheet HTML 4Page - Texas Instruments LM25019MR Datasheet HTML 5Page - Texas Instruments LM25019MR Datasheet HTML 6Page - Texas Instruments LM25019MR Datasheet HTML 7Page - Texas Instruments LM25019MR Datasheet HTML 8Page - Texas Instruments LM25019MR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
+
+
+
VIN
BST
RON
RTN
SW
VCC
FB
VIN
VOUT
RFB1
R
R
C
UV1
RON
COUT
C
C
BST
IN
RFB2
RUV2
L1
UVLO
CVCC
LM25019
7.5 V - 48 V
1
2
3
4
5
6
8
7
SD
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM25019
SNVS952E – DECEMBER 2012 – REVISED NOVEMBER 2015
LM25019 48-V, 100-mA Constant On-Time Synchronous Buck Regulator
1 Features
3 Description
The LM25019 is a 48-V, 100-mA synchronous step-
1
Wide 7.5-V to 48-V Input Range
down regulator with integrated high-side and low-side
Integrated 100-mA High-Side and
MOSFETs. The constant on-time (COT) control
Low-Side Switches
scheme employed in the LM25019 requires no loop
No Schottky Required
compensation, provides excellent transient response,
and enables very high step-down ratios. The on-time
Constant On-Time Control
varies inversely with the input voltage resulting in
No Loop Compensation Required
nearly constant frequency over the input voltage
Ultra-Fast Transient Response
range. A high-voltage start-up regulator provides bias
power for internal operation of the IC and for
Nearly Constant Operating Frequency
integrated gate drivers.
Intelligent Peak Current Limit
A peak current limit circuit protects against overload
Adjustable Output Voltage From 1.225 V
conditions. The undervoltage lockout (UVLO) circuit
Precision 2% Feedback Reference
allows
the
input
undervoltage
threshold
and
Frequency Adjustable to 1 MHz
hysteresis to be independently programmed. Other
protection features include thermal shutdown and
Adjustable Undervoltage Lockout
bias supply undervoltage lockout.
Remote Shutdown
The LM25019 is available in 8-pin WSON and 8-pin
Thermal Shutdown
SO PowerPAD plastic packages.
Packages:
8-Pin WSON
Device Information(1)
8-Pin SO PowerPAD™
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SO PowerPAD (8)
4.89 mm x 3.90 mm
LM25019
2 Applications
WSON (8)
4.00 mm x 4.00 mm
Industrial Equipments
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Smart Power Meters
Telecommunication Systems
Isolated Bias Supply
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - LM25019MR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM25019MR/NOPB TI-LM25019MR/NOPB Datasheet
331Kb / 18P
[Old version datasheet]   48V, 100mA Constant On-Time Synchronous Buck Regulator
LM25019MRE/NOPB TI-LM25019MRE/NOPB Datasheet
331Kb / 18P
[Old version datasheet]   48V, 100mA Constant On-Time Synchronous Buck Regulator
LM25019MRX/NOPB TI-LM25019MRX/NOPB Datasheet
331Kb / 18P
[Old version datasheet]   48V, 100mA Constant On-Time Synchronous Buck Regulator
More results

Podobny opis - LM25019MR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI1-LM5019_14 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 100 mA Constant On-Time Synchronous Buck Regulator
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5018 TI1-LM5018_13 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 300 mA Constant On-Time Synchronous Buck Regulator
LM5018 TI-LM5018_15 Datasheet
1Mb / 32P
[Old version datasheet]   100-V, 300-mA Constant On-Time Synchronous Buck Regulator
LM25019 TI-LM25019_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM25019 48-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017_17 Datasheet
1Mb / 33P
[Old version datasheet]   LM5017 100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5008A TI-LM5008A Datasheet
1Mb / 23P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
LM5008A TI-LM5008A_15 Datasheet
1Mb / 24P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com