Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BY396G Arkusz danych(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Numer części BY396G
Szczegółowy opis  FAST RECOVERY GLASS PASSIVATED RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Strona internetowa  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

BY396G Arkusz danych(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  BY396G Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. BY396G Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY396G THRU BY399G
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
Reverse Voltage - 100 to 800 Volts
Forward Current - 3.0 Amperes
Case: DO-201AD molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.012 ounce, 1.10 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Fast switching for high efficiency
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds,0.375(9.5mm) lead length,
5 lbs. (2.3kg) tension
FEATURES
MECHANICAL DATA
Dimensions in inches and (millimeters)
DO-201AD
0.220(5.6)
0.197(5.0)
DIA.
0.052(1.3)
0.048(1.2)
DIA.
1.0 (25.4)
MIN.
0.375(9.6)
0.285(7.2)
1.0 (25.4)
MIN.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
100
70
100
200
140
200
400
280
400
800
560
800
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
200.0
1.3
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375
”(9.5mm) lead length at TA=75 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
10.0
100.0
R
θJA
CJ
TJ,TSTG
20.0
60.0
-65 to +150
pF
C
A
µ
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
500
ns
BY396G
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.Thermal resistance from junction to ambient at 0.375” (9.5mm)lead length,P.C.B. mounted
BY397G
BY398G
BY399G
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
MDD Catalog Number


Podobny numer części - BY396G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DAESAN ELECTRONIC CORP.
BY396G DAESAN-BY396G Datasheet
212Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 100 TO 800 VOLTS
logo
Chongqing Pingwei Enter...
BY396G CHONGQING-BY396G Datasheet
39Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Shanghai Shunye Electro...
BY396G SY-BY396G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY396G TAYCHIPST-BY396G Datasheet
1Mb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
BY396G SHUNYE-BY396G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results

Podobny opis - BY396G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Shunye Electro...
FR101G SY-FR101G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Electronics ...
FR602G CHENDA-FR602G Datasheet
74Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
FR605G CHENDA-FR605G Datasheet
74Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301G HY-FR301G_1 Datasheet
86Kb / 3P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N4933G CTC-1N4933G Datasheet
46Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
FR101SG HY-FR101SG Datasheet
89Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
1N4933G HY-1N4933G_17 Datasheet
136Kb / 3P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
FR151G SHUNYE-FR151G_17 Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
BA157G SHUNYE-BA157G_17 Datasheet
1,014Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
FR101G HY-FR101G_17 Datasheet
136Kb / 3P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
BY396G SHUNYE-BY396G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com