Zakładka z wyszukiwarką danych komponentów |
|
AD402M98VBB-5 Arkusz danych(PDF) 7 Page - List of Unclassifed Manufacturers |
|
AD402M98VBB-5 Arkusz danych(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 28 page Rev.1 Page 7 Absolute Maximum Ratings Recommended DC Operating Conditions Capacitance Ta = 25°C, VCC = 3.3V %, f = 1MHz Note: 1. Capacitance measured with effective capacitance measuring method. 2. RAS, CAS = VIH to disable Dout. Parameter Symbol Value Unit Voltage on any pin relative to Vss VT -0.5 to + 4.6 V Supply voltage relative to Vss VCC -0.5 to + 4.6 V Short circuit output current IOUT 50 mA Power dissipation PD 1.0 W Operating temperature TOPT 0 to + 70 °C Storage temperature TSTG -55 to + 125 °C Parameter/Condition Symbol 3.3 Volt Version Unit Min Typ Max Supply Voltage VCC 3.0 3.3 3.6 V Input High Voltage, all inputs VIH 2.0 - VCC + 0.3 V Input Low Voltage, all inputs VIL -0.3 - 0.8 V Parameter Symbol Typ Max Unit Note Input capacitance (Address) CI1 - 5 pF 1 Input capacitance (RAS, CAS, OE, WE) CI2 - 7 pF 1 Output capacitance (Data-in, Data-out) CI/O - 7 pF 1, 2 10 ± |
Podobny numer części - AD402M98VBB-5 |
|
Podobny opis - AD402M98VBB-5 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |