Zakładka z wyszukiwarką danych komponentów |
|
1N5225B Arkusz danych(PDF) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd. |
|
1N5225B Arkusz danych(HTML) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd. |
3 / 3 page 500 400 300 200 100 0 0 50 100 150 200 250 RATINGS AND CHARACTERISTIC CURVES 1N52 SERIES 50 40 30 20 10 0 5 10 15 20 25 30 mA Breakdown characteristics Test Current Iz=20mA V Vz,ZENER VOLTAGE,volts Admissible power dissipation versus ambient temperature Valid provided that leads are kept at ambient temperature at a distance of 10mm from case AMBIENT TEMPERATURE, C The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)! |
Podobny numer części - 1N5225B |
|
Podobny opis - 1N5225B |