Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N5227B Arkusz danych(PDF) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Numer części 1N5227B
Szczegółowy opis  Low zener impedance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Strona internetowa  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

1N5227B Arkusz danych(HTML) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  1N5227B Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 1N5227B Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 1N5227B Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
500
400
300
200
100
0
0
50
100
150
200
250
RATINGS AND CHARACTERISTIC CURVES 1N52 SERIES
50
40
30
20
10
0
5
10
15
20
25
30
mA
Breakdown characteristics
Test Current
Iz=20mA
V
Vz,ZENER VOLTAGE,volts
Admissible power dissipation versus ambient temperature
Valid provided that leads are kept at ambient temperature at a distance of 10mm from case
AMBIENT TEMPERATURE, C
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!


Podobny numer części - 1N5227B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
1N5227B EIC-1N5227B Datasheet
38Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
1N5227B VISHAY-1N5227B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Zibo Seno Electronic En...
1N5227B ZSELEC-1N5227B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Microdiode Electronics ...
1N5227B CHENDA-1N5227B Datasheet
184Kb / 3P
   ZENER DIODES
logo
Weitron Technology
1N5227B WEITRON-1N5227B Datasheet
308Kb / 3P
   Surface Mount Zener Diodes
More results

Podobny opis - 1N5227B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdiode Electronics ...
DL47 CHENDA-DL47 Datasheet
852Kb / 3P
   Low zener impedance
logo
JIEJIE MICROELECTRONICS...
3KP JIEJIE-3KP Datasheet
222Kb / 5P
   Low zener impedance
1.5KE JIEJIE-1.5KE Datasheet
218Kb / 5P
   Low zener impedance.
logo
Microdiode Electronics ...
1N47 CHENDA-1N47 Datasheet
721Kb / 3P
   Low zener impedance
DL52 CHENDA-DL52 Datasheet
758Kb / 3P
   Low zener impedance
BZX85C CHENDA-BZX85C Datasheet
757Kb / 3P
   Low zener impedance
logo
JIEJIE MICROELECTRONICS...
SA5.0A JIEJIE-SA5.0A Datasheet
216Kb / 5P
   Low zener impedance
logo
Microdiode Electronics ...
BZX55C CHENDA-BZX55C Datasheet
695Kb / 3P
   Low zener impedance
logo
Shanghai Leiditech Elec...
BZG03-C10 LEIDITECH-BZG03-C10 Datasheet
418Kb / 3P
   Low Zener impedance at low current
logo
Gaomi Xinghe Electronic...
1N4727 GXELECTRONICS-1N4727 Datasheet
1Mb / 5P
   Small current low zener impedance
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com