Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ36002 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części LMZ36002
Szczegółowy opis  SIMPLE SWITCHER 4.5V to 60V Input, 2-A Power Module
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ36002 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button LMZ36002 Datasheet HTML 4Page - Texas Instruments LMZ36002 Datasheet HTML 5Page - Texas Instruments LMZ36002 Datasheet HTML 6Page - Texas Instruments LMZ36002 Datasheet HTML 7Page - Texas Instruments LMZ36002 Datasheet HTML 8Page - Texas Instruments LMZ36002 Datasheet HTML 9Page - Texas Instruments LMZ36002 Datasheet HTML 10Page - Texas Instruments LMZ36002 Datasheet HTML 11Page - Texas Instruments LMZ36002 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0.0
0.5
1.0
1.5
2.0
Output Current (A)
Vo = 3.3V, fsw = 200kHz
Vo = 2.5V, fsw = 200kHz
C004
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
Output Current (A)
Vo = 7.5V, fsw = 400kHz
Vo = 5.0V, fsw = 200kHz
Vo = 3.3V, fsw = 200kHz
Vo = 2.5V, fsw = 200kHz
C004
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
Output Current (A)
Vo = 7.5V, fsw = 400kHz
Vo = 5.0V, fsw = 200kHz
Vo = 3.3V, fsw = 200kHz
Vo = 2.5V, fsw = 200kHz
C004
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
Output Current (A)
Vo = 3.3V, fsw = 200kHz
Vo = 2.5V, fsw = 200kHz
C004
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
Output Current (A)
Vo = 3.3V, fsw = 200kHz
Vo = 2.5V, fsw = 200kHz
C001
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
Output Current (A)
Vo = 7.5V, fsw = 400kHz
Vo = 5.0V, fsw = 200kHz
Vo = 3.3V, fsw = 200kHz
Vo = 2.5V, fsw = 200kHz
C001
8
LMZ36002
SNVSA92A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
www.ti.com
Product Folder Links: LMZ36002
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
6.7 Typical Characteristics
PVIN = 5 V
Figure 1. Efficiency vs Output Current
PVIN = 12 V
Figure 2. Efficiency vs Output Current
PVIN = 5 V
Figure 3. Voltage Ripple vs Output Current
PVIN = 12 V
Figure 4. Voltage Ripple vs Output Current
PVIN = 5 V
Figure 5. Power Dissipation vs Output Current
PVIN = 12 V
Figure 6. Power Dissipation vs Output Current


Podobny numer części - LMZ36002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
671Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
More results

Podobny opis - LMZ36002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ34202 TI1-LMZ34202 Datasheet
629Kb / 31P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ30604EVM-001 TI-LMZ30604EVM-001 Datasheet
363Kb / 16P
[Old version datasheet]   LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
logo
Maxim Integrated Produc...
MAX17501HTEVKIT MAXIM-MAX17501HTEVKIT Datasheet
1Mb / 9P
   Operates from a 4.5V to 60V Input Supply
Rev 0; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com