Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3632A Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części LM3632A
Szczegółowy opis  Single-Chip Backlight With Bias Power and 1.5-A Flash LED Driver
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3632A Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM3632A Datasheet HTML 5Page - Texas Instruments LM3632A Datasheet HTML 6Page - Texas Instruments LM3632A Datasheet HTML 7Page - Texas Instruments LM3632A Datasheet HTML 8Page - Texas Instruments LM3632A Datasheet HTML 9Page - Texas Instruments LM3632A Datasheet HTML 10Page - Texas Instruments LM3632A Datasheet HTML 11Page - Texas Instruments LM3632A Datasheet HTML 12Page - Texas Instruments LM3632A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
Brightness Code
0
256
512
768
1024
1280
1536
1792
2048
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
D085
VIN = 2.7 V
VIN = 3.7 V
VIN = 5 V
Brightness Code
0
256
512
768
1024
1280
1536
1792
2048
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
D086
TA = -40GC
TA = 25GC
TA = 85GC
ILED (mA)
0
5
10
15
20
25
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
D019
VIN = 2.7 V
VIN = 3.7 V
VIN = 5 V
ILED (mA)
0
5
10
15
20
25
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
D020
TA = -40GC
TA = 25GC
TA = 85GC
Brightness Code
0
256
512
768
1024
1280
1536
1792
2048
0
5
10
15
20
25
D017
VIN = 2.7 V
VIN = 3.7 V
VIN = 5 V
Brightness Code
0
256
512
768
1024
1280
1536
1792
2048
0
5
10
15
20
25
D018
VIN = 2.7 V
VIN = 3.7 V
VIN = 5 V
LM3632A
www.ti.com
SNVSA63A – APRIL 2015 – REVISED SEPTEMBER 2015
6.7 Typical Characteristics
Ambient temperature is 25°C and VIN is 3.7 V unless otherwise noted.
Figure 2. Backlight LED Current, Linear Control
Figure 3. Backlight LED Current, Exponential Control
2p6s LEDs
2p6s LEDs
Figure 4. Backlight LED Current Matching
Figure 5. Backlight LED Current Matching
2p6s LEDs
2p6s LEDs
Figure 6. Backlight LED Current Accuracy
Figure 7. Backlight LED Current Accuracy
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3632A


Podobny numer części - LM3632A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM363 NSC-LM363 Datasheet
452Kb / 22P
   LM363 Precision Instrumentation Amplifier
logo
Texas Instruments
LM3630A TI-LM3630A Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATME TI-LM3630ATME Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATME TI1-LM3630ATME Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
LM3630ATMX TI-LM3630ATMX Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
More results

Podobny opis - LM3632A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3639A TI-LM3639A Datasheet
518Kb / 28P
[Old version datasheet]   Single Chip 40V Backlight 1.5A Flash LED Driver
logo
Analog Devices
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
logo
Texas Instruments
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
[Old version datasheet]   Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
logo
Kinetic Technologies.
KTZ8863A KINETIC-KTZ8863A Datasheet
155Kb / 2P
   High Efficiency 3-CH LED Backlight Driver with Dual LCD Bias Power
October 2020 - Revision 04b
KTZ8866 KINETIC-KTZ8866 Datasheet
1Mb / 37P
   High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
January 2022 - Revision 04b
KTZ8864A KINETIC-KTZ8864A Datasheet
1Mb / 37P
   High Efficiency 4-CH LED Backlight Driver with Dual LCD Bias Power
November 2021 - Revision 04b
logo
Texas Instruments
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com