Zakładka z wyszukiwarką danych komponentów |
|
ADC08L060 Arkusz danych(PDF) 1 Page - National Semiconductor (TI) |
|
|
ADC08L060 Arkusz danych(HTML) 1 Page - National Semiconductor (TI) |
1 / 19 page ADC08L060 8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold General Description The ADC08L060 is a low-power, 8-bit, monolithic analog-to- digital converter with an on-chip track-and-hold circuit. Opti- mized for low cost, low power, small size and ease of use, this product operates at conversion rates of 10 MSPS to 60 MSPS while consuming just 0.65 mW per MHz of clock frequency, or 39 mW at 60 MSPS. Raising the PD pin puts the ADC08L060 into a Power Down mode where it con- sumes < 1.0 mW. The unique architecture achieves 7.6 Effective Bits. The ADC08L060 is resistant to latch-up and the outputs are short-circuit proof. The top and bottom of the ADC08L060’s reference ladder are available for connections, enabling a wide range of input possibilities. The digital outputs are TTL/CMOS compatible with a separate output power supply pin to support interfacing with 1.8V to 3V logic. The digital inputs (CLK and PD) are TTL/CMOS compatible. The ADC08L060 is offered in a 24-lead plastic package (TSSOP) and is specified over the industrial temperature range of −40˚C to +85˚C. Features n Single-ended input n Internal sample-and-hold function n Low voltage (single +3V) operation n Small package n Power-down feature Key Specifications n Resolution 8 bits n Conversion rate 60 MSPS n DNL ±0.25 LSB (typ) n INL +0.5/−0.2 LSB (typ) n SNR (10.1 MHz) 48 dB (typ) n ENOB (10.1 MHz) 7.6 bits (typ) n THD (10.1 MHz) −57 dB (typ) n Latency 5 Clock Cycles n No missing codes Guaranteed n Power Consumption n Operating 0.65 mW/MSPS (typ) n Power down < 1.0 mW (typ) Applications n Digital Imaging n Set-top boxes n Portable Instrumentation n Communication Systems n X-ray imaging n Viterbi decoders Pin Configuration 20041701 November 2002 © 2002 National Semiconductor Corporation DS200417 www.national.com |
Podobny numer części - ADC08L060 |
|
Podobny opis - ADC08L060 |