Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74001NH Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części 74001NH
Szczegółowy opis  Industrial Ethernet Cables
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

74001NH Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  74001NH Datasheet HTML 1Page - List of Unclassifed Manufacturers 74001NH Datasheet HTML 2Page - List of Unclassifed Manufacturers 74001NH Datasheet HTML 3Page - List of Unclassifed Manufacturers 74001NH Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Construction & Dimensions
Mechanical Data – Stationary Application
Part Number
Part Number
Part Number
Part Number
Conductor
Conductor
Conductor
Conductor
Insulation
Insulation
Insulation
Insulation
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
Braid
Braid
Braid
Braid
Coverage
Coverage
Coverage
Coverage
Sheath
Sheath
Sheath
Sheath
Material
Material
Material
Material
Sheath
Sheath
Sheath
Sheath
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
Sheath
Sheath
Sheath
Sheath
Colour
Colour
Colour
Colour
74001E
24AWG/1
1.10mm
>80%
PVC
7.00mm
Black
74001NH
24AWG/1
1.10mm
>80%
FRNC
7.00mm
Black
74001PU
24AWG/1
1.10mm
>80%
PUR
6.60mm
Black
Mechanical Data – Flexible Application
Part Number
Part Number
Part Number
Part Number
Conductor
Conductor
Conductor
Conductor
Insulation
Insulation
Insulation
Insulation
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
Braid
Braid
Braid
Braid
Coverage
Coverage
Coverage
Coverage
Sheath
Sheath
Sheath
Sheath
Material
Material
Material
Material
Sheath
Sheath
Sheath
Sheath
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
Sheath
Sheath
Sheath
Sheath
Colour
Colour
Colour
Colour
74002E
26AWG/7
0.98mm
>80%
PVC
6.50mm
Black
74002NH
26AWG/7
0.98mm
>80%
FRNC
6.50mm
Black
74002PU
26AWG/7
0.98mm
>80%
PUR
6.50mm
Black
Conductor (24AWG/1 - Solid Bare Copper)
2 Twisted, Polypropylene Insulated Conductors
- Pair 1 = White / Blue
- Pair 2 = White / Orange
- Pair 3 = White / Green
- Pair 4 = White / Brown
Foil Shield – Laminated Aluminium / Polyester
Braid Shield – Tinned Copper
Conductor (26AWG/7 – 7x0.16mm Stranded Tinned Copper)
2 Twisted, Polypropylene Insulated Conductors
- Pair 1 = White / Blue
- Pair 2 = White / Orange
- Pair 3 = White / Green
- Pair 4 = White / Brown
Foil Shield – Laminated Aluminium / Polyester
Braid Shield – Tinned Copper


Podobny numer części - 74001NH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
74001NH ETC2-74001NH Datasheet
295Kb / 4P
   Industrial Ethernet Cables
logo
Belden Inc.
74001NH BELDEN-74001NH Datasheet
172Kb / 3P
   DataTuff® 5E, 4PR #24 Sol BC, PO ins, SF/UTP, LSNH Jkt, AWM 21286
2022 Belden, Inc
74001NH.01305 BELDEN-74001NH.01305 Datasheet
172Kb / 3P
   DataTuff® 5E, 4PR #24 Sol BC, PO ins, SF/UTP, LSNH Jkt, AWM 21286
2022 Belden, Inc
74001NH.01500 BELDEN-74001NH.01500 Datasheet
172Kb / 3P
   DataTuff® 5E, 4PR #24 Sol BC, PO ins, SF/UTP, LSNH Jkt, AWM 21286
2022 Belden, Inc
74001NH.01B100 BELDEN-74001NH.01B100 Datasheet
172Kb / 3P
   DataTuff® 5E, 4PR #24 Sol BC, PO ins, SF/UTP, LSNH Jkt, AWM 21286
2022 Belden, Inc
More results

Podobny opis - 74001NH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
74003PU ETC2-74003PU Datasheet
295Kb / 4P
   Industrial Ethernet Cables
1319753 ETC2-1319753 Datasheet
280Kb / 4P
   Industrial Ethernet Cables
1319766 ETC2-1319766 Datasheet
286Kb / 4P
   Industrial Ethernet Cables
logo
Omron Electronics LLC
XS6 OMRON-XS6 Datasheet
2Mb / 12P
   Industrial Ethernet Cables
logo
Intel Corporation
XLDACBL1 INTEL-XLDACBL1 Datasheet
187Kb / 2P
   Intel짰 Ethernet QSFP Cables
logo
Weidmuller
IE-SW-BL08-6TX-2SC WEIDMULLER-IE-SW-BL08-6TX-2SC Datasheet
235Kb / 4P
   Industrial Ethernet
February 26, 2019
logo
List of Unclassifed Man...
30065 ETC2-30065 Datasheet
136Kb / 1P
   Industrial Data Solutions LonWorks Cables
logo
Advantech Co., Ltd.
708FX2 ADVANTECH-708FX2 Datasheet
549Kb / 3P
   Industrial Ethernet Switch
logo
List of Unclassifed Man...
HEST12M ETC2-HEST12M Datasheet
699Kb / 3P
   Industrial Ethernet Switch
logo
Omron Electronics LLC
XS5H-T421-BM0-K OMRON-XS5H-T421-BM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com