Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74002NH Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części 74002NH
Szczegółowy opis  Industrial Ethernet Cables
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

74002NH Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  74002NH Datasheet HTML 1Page - List of Unclassifed Manufacturers 74002NH Datasheet HTML 2Page - List of Unclassifed Manufacturers 74002NH Datasheet HTML 3Page - List of Unclassifed Manufacturers 74002NH Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
74002E / 74002NH / 74002PU / 74003PU (AWG26)
Mechanical, Physical and/or Environmental Characteristics
Flame Resistance
IEC 60332-1
Oil Resistance
IEC 60811-2-1
Bending Radius / Setting Radius
10 x Diameter / 5 x Diameter
Halogen Free
IEC 60754-1 / IEC 60754-2 (FRNC and PUR Cable)
Maximum Pulling Tension
80N
Temperature Range - Installation
-5.0
oC to +50.0oC
Temperature Range - Operating
-40.0
oC to +80.0oC
Version 03 (07/10)
Frequency
Frequency
Frequency
Frequency
(MHz)
(MHz)
(MHz)
(MHz)
Insertion Loss
Insertion Loss
Insertion Loss
Insertion Loss
(Max)
(Max)
(Max)
(Max) (dB/100m)
(dB/100m)
(dB/100m)
(dB/100m)
NEXT
NEXT
NEXT
NEXT
(dB)
(dB)
(dB)
(dB)
ELFEXT
ELFEXT
ELFEXT
ELFEXT
(dB/100m)
(dB/100m)
(dB/100m)
(dB/100m)
RETURN
RETURN
RETURN
RETURN
LOSS
(dB)
LOSS
(dB)
LOSS
(dB)
LOSS
(dB)
1
3.2
65.3
63.8
20.0
4
6.0
56.3
51.7
23.0
10
9.5
50.3
43.8
25.0
16
12.1
47.2
39.7
25.0
20
13.6
45.8
37.7
25.0
25
15.3
44.3
35.8
24.3
31.25
17.1
42.9
33.9
23.6
62.5
24.8
38.3
27.8
21.5
100
32
35.3
23.8
20.1


Podobny numer części - 74002NH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
74002NH ETC2-74002NH Datasheet
148Kb / 3P
   2 twisted insulated conductors
logo
Belden Inc.
74002NH BELDEN-74002NH Datasheet
170Kb / 2P
   DataTuff® 5E, 4PR #26 Str BC, PO ins, SF/UTP, LSNH Jkt, AWM 21286
2022 Belden, Inc
74002NH.01500 BELDEN-74002NH.01500 Datasheet
170Kb / 2P
   DataTuff® 5E, 4PR #26 Str BC, PO ins, SF/UTP, LSNH Jkt, AWM 21286
2022 Belden, Inc
74002NH.02305 BELDEN-74002NH.02305 Datasheet
170Kb / 2P
   DataTuff® 5E, 4PR #26 Str BC, PO ins, SF/UTP, LSNH Jkt, AWM 21286
2022 Belden, Inc
74002NH.02500 BELDEN-74002NH.02500 Datasheet
170Kb / 2P
   DataTuff® 5E, 4PR #26 Str BC, PO ins, SF/UTP, LSNH Jkt, AWM 21286
2022 Belden, Inc
More results

Podobny opis - 74002NH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
74003PU ETC2-74003PU Datasheet
295Kb / 4P
   Industrial Ethernet Cables
1319753 ETC2-1319753 Datasheet
280Kb / 4P
   Industrial Ethernet Cables
1319766 ETC2-1319766 Datasheet
286Kb / 4P
   Industrial Ethernet Cables
logo
Omron Electronics LLC
XS6 OMRON-XS6 Datasheet
2Mb / 12P
   Industrial Ethernet Cables
logo
Intel Corporation
XLDACBL1 INTEL-XLDACBL1 Datasheet
187Kb / 2P
   Intel짰 Ethernet QSFP Cables
logo
Weidmuller
IE-SW-BL08-6TX-2SC WEIDMULLER-IE-SW-BL08-6TX-2SC Datasheet
235Kb / 4P
   Industrial Ethernet
February 26, 2019
logo
List of Unclassifed Man...
30065 ETC2-30065 Datasheet
136Kb / 1P
   Industrial Data Solutions LonWorks Cables
logo
Advantech Co., Ltd.
708FX2 ADVANTECH-708FX2 Datasheet
549Kb / 3P
   Industrial Ethernet Switch
logo
List of Unclassifed Man...
HEST12M ETC2-HEST12M Datasheet
699Kb / 3P
   Industrial Ethernet Switch
logo
Omron Electronics LLC
XS5H-T421-BM0-K OMRON-XS5H-T421-BM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com