Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM3894CCYG120 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części AM3894CCYG120
Szczegółowy opis  Sitara ARM Microprocessors
Download  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

AM3894CCYG120 Arkusz danych(HTML) 1 Page - Texas Instruments

  AM3894CCYG120 Datasheet HTML 1Page - Texas Instruments AM3894CCYG120 Datasheet HTML 2Page - Texas Instruments AM3894CCYG120 Datasheet HTML 3Page - Texas Instruments AM3894CCYG120 Datasheet HTML 4Page - Texas Instruments AM3894CCYG120 Datasheet HTML 5Page - Texas Instruments AM3894CCYG120 Datasheet HTML 6Page - Texas Instruments AM3894CCYG120 Datasheet HTML 7Page - Texas Instruments AM3894CCYG120 Datasheet HTML 8Page - Texas Instruments AM3894CCYG120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 313 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
AM3894
AM3892
SPRS681G – OCTOBER 2010 – REVISED MARCH 2015
AM389x Sitara™
ARM® Microprocessors (MPUs)
1
Device Overview
1.1
Features
1
– Dynamic Memory Manager (DMM)
• High-Performance Sitara ARM® Microprocessors
(MPUs)
Programmable Multi-Zone Memory Mapping
and Interleaving
– ARM Cortex™-A8 RISC Processor
Enables Efficient 2D Block Accesses
Up to 1.20 GHz
Supports Tiled Objects in 0°, 90°, 180°, or
• ARM Cortex-A8 Core
270° Orientation and Mirroring
– ARMv7 Architecture
Optimizes Interlaced Accesses
In-Order, Dual-Issue, Superscalar Processor
• One PCI Express® (PCIe) 2.0 Port with Integrated
Core
PHY
NEON™ Multimedia Architecture
– Single Port with 1 or 2 Lanes at 5.0 GT per
– Supports Integer and Floating Point (VFPv3-
Second
IEEE754 Compliant)
– Configurable as Root Complex or Endpoint
Jazelle® RCT Execution Environment
• Serial ATA (SATA) 3.0 Gbps Controller with
• ARM Cortex-A8 Memory Architecture
Integrated PHYs
– 32-KB Instruction and Data Caches
– Direct Interface for Two Hard Disk Drives
– 256-KB L2 Cache
– Hardware-Assisted Native Command Queuing
– 64-KB RAM, 48-KB of Boot ROM
(NCQ) from up to 32 Entries
• 512KB of On-Chip Memory Controller (OCMC)
– Supports Port Multiplier and Command-Based
RAM
Switching
• SGX530 3D Graphics Engine (Available Only on
• Two 10 Mbps, 100 Mbps, and 1000 Mbps Ethernet
the AM3894 Device)
MACs (EMAC)
– Delivers up to 30 MTriangles per Second
– IEEE 802.3 Compliant (3.3-V I/O Only)
– Universal Scalable Shader Engine
– MII and GMII Media Independent Interfaces
– Direct3D® Mobile, OpenGL® ES 1.1 and 2.0,
– Management Data I/O (MDIO) Module
OpenVG™ 1.1, OpenMax™ API Support
• Dual USB 2.0 Ports with Integrated PHYs
– Advanced Geometry DMA Driven Operation
– USB 2.0 High-Speed and Full-Speed Client
– Programmable HQ Image Anti-Aliasing
– USB 2.0 High-Speed, Full-Speed, and Low-
• Endianness
Speed Host
– ARM Instructions and Data – Little Endian
– Supports Endpoints 0-15
• HD Video Processing Subsystem (HDVPSS)
• General-Purpose Memory Controller (GPMC)
– Two 165-MHz HD Video Capture Channels
– 8-Bit and 16-Bit Multiplexed Address and Data
One 16-Bit or 24-Bit and One 16-Bit Channel
Bus
Each Channel Splittable Into Dual 8-Bit
– Up to 6 Chip Selects with up to 256-MB Address
Capture Channels
Space per Chip Select Pin
– Two 165-MHz HD Video Display Channels
– Glueless Interface to NOR Flash, NAND Flash
One 16-Bit, 24-Bit, 30-Bit Channel and One
(with BCH and Hamming Error Code Detection),
16-Bit Channel
SRAM and Pseudo-SRAM
– Simultaneous SD and HD Analog Output
– Error Locator Module (ELM) Outside of GPMC
– Digital HDMI 1.3 Transmitter with PHY with
to Provide up to 16-Bit and 512-Byte Hardware
HDCP up to 165-MHz Pixel Clock
ECC for NAND
– Three Graphics Layers
– Flexible Asynchronous Protocol Control for
Interface to FPGA, CPLD, ASICs
• Dual 32-Bit DDR2 and DDR3 SDRAM Interfaces
• Enhanced Direct-Memory-Access (EDMA)
– Supports up to DDR2-800 and DDR3-1600
Controller
– Up to Eight x8 Devices Total
– Four Transfer Controllers
– 2GB of Total Address Space
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - AM3894CCYG120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM3894CCYG120 TI-AM3894CCYG120 Datasheet
1Mb / 308P
[Old version datasheet]   AM389x Sitara ARM Processors
More results

Podobny opis - AM3894CCYG120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM3715CBP TI-AM3715CBP Datasheet
2Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3715 TI1-AM3715_17 Datasheet
3Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3703 TI1-AM3703 Datasheet
3Mb / 280P
[Old version datasheet]   AM3715, AM3703 Sitara ARM Microprocessors
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3517 TI1-AM3517_12 Datasheet
1Mb / 222P
[Old version datasheet]   ARM Microprocessors
AM3517 TI1-AM3517_14 Datasheet
1Mb / 223P
[Old version datasheet]   ARM Microprocessors
AM3874 TI1-AM3874_16 Datasheet
2Mb / 358P
[Old version datasheet]   Sitara ARM Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com