Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KD-2.5V Arkusz danych(PDF) 2 Page - Pericom Semiconductor Corporation

Numer części KD-2.5V
Szczegółowy opis  2.5V CMOS 32.768kHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PERICOM [Pericom Semiconductor Corporation]
Strona internetowa  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

KD-2.5V Arkusz danych(HTML) 2 Page - Pericom Semiconductor Corporation

  KD-2.5V Datasheet HTML 1Page - Pericom Semiconductor Corporation KD-2.5V Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
All specifications are subject to change without notice.
KD 2.5V REV B
2011_DEC 07
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888 • www.saronix-ecera.com
2.5V CMOS 32.768kHz
KD Series 2.5V CMOS kHz Crystal Oscillator
5.0 x 3.2mm
KD
Output Enable / Disable Function
Parameter
Min.
Typ.
Max.
Units
Notes
Input Voltage (pin 1), Output Enable
0.7 VDD
V
or open
Input Voltage (pin 1), Output Disable (low power standby)
0.3 VDD
V
Output is Hi-Z
Internal Pullup Resistance
470
Output Disable Delay
100
ns
Output Enable Delay
10
ms
Electrical Performance
Parameter
Min.
Typ.
Max.
Units
Notes
Output Frequency
32.768
kHz
As specified
Supply Voltage
+2.25
+2.50
+2.75
V
Supply Current, Output Enabled
0.25
0.4
mA
15 pF load
Supply Current, Standby Mode
10
µA
Output Hi-Z
Frequency Stability
±20 to ±50
ppm
See Note 1 below
Operating Temperature Range
-20
+70
°C
As specified
-40
+85
As specified
Output Logic 0, VOL
0.1 VDD
V
Output Logic 1, VOH
0.9 VDD
V
Output Load
15
pF
See Note 2 below
Duty Cycle
45
55
%
measured 50% of VDD
Rise and Fall Time
15
ns
measured 10/90% of VDD
Notes:
1.
As specified. Stability includes all combinations of operating temperature, load changes, rated input (supply) voltage changes, initial calibration tolerance
(25°C), aging (1 year at 25°C average effective ambient temperature), shock and vibration.
2.
For specifications other than those listed, please contact sales.
Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
Notes
Storage Temperature
-55
+125
°C
For the latest product information visit:
http://www.pericom.com/products/timing/oscillators/KD2.5/
For test circuit go to:
http://www.pericom.com/pdf/sre/tc_cmos2.pdf
For soldering reflow profile and reliability test ratings go to:
http://www.pericom.com/pdf/sre/reflow.pdf
For tape and reel information go to:
http://www.pericom.com/pdf/sre/tr_5032_xo.pdf
11-0033


Podobny numer części - KD-2.5V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M-System Co.,Ltd.
KD-24-G/CE MSYSTEM-KD-24-G/CE Datasheet
106Kb / 3P
   Plug-in Signal Conditioners K-UNIT
KD-24-H/CE MSYSTEM-KD-24-H/CE Datasheet
106Kb / 3P
   Plug-in Signal Conditioners K-UNIT
More results

Podobny opis - KD-2.5V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pericom Semiconductor C...
KJ-2.5V PERICOM-KJ-2.5V Datasheet
743Kb / 2P
   2.5V CMOS 32.768kHz
KM-2.5V PERICOM-KM-2.5V Datasheet
650Kb / 2P
   2.5V CMOS 32.768kHz
KK-2.5V PERICOM-KK-2.5V Datasheet
593Kb / 2P
   2.5V CMOS 32.768kHz
KN-2.5V PERICOM-KN-2.5V Datasheet
621Kb / 2P
   2.5V CMOS 32.768kHz
KX251 PERICOM-KX251 Datasheet
635Kb / 2P
   CMOS 32.768kHz
KX321 PERICOM-KX321 Datasheet
646Kb / 2P
   CMOS 32.768kHz
KX501 PERICOM-KX501 Datasheet
704Kb / 2P
   CMOS 32.768kHz
KX201 PERICOM-KX201 Datasheet
662Kb / 2P
   CMOS 32.768kHz
logo
Fox Electronics
FK245 FOX-FK245 Datasheet
439Kb / 1P
   HCMOS 2.5V 32.768kHz SMD Oscillator
logo
Pericom Semiconductor C...
KM-3.3V PERICOM-KM-3.3V Datasheet
647Kb / 2P
   3.3V CMOS 32.768kHz
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com