Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC1175CIJMX Arkusz danych(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części ADC1175CIJMX
Szczegółowy opis  8-Bit, 20MHz, 60mW A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1175CIJMX Arkusz danych(HTML) 5 Page - National Semiconductor (TI)

  ADC1175CIJMX Datasheet HTML 1Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 2Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 3Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 4Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 5Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 6Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 7Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 8Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
AV
DD,DVDD
6.5V
Voltage on Any Pin
−0.3V to 6.5V
V
RT,VRB
AV
SS to AVDD
CLK, OE Voltage
−0.5 to (AV
DD + 0.5V)
Digital Output Voltage
DV
SS to DVDD
Input Current (Note 3)
±25mA
Package Input Current
(Note 3)
±50mA
Package Dissipation at 25˚C
(Note 4)
ESD Susceptibility (Note 5)
Human Body Model
2000V
Machine Model
200V
Soldering Temp., Infrared, 10
sec. (Note 6)
300˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings(Notes 1, 2)
Temperature Range
−20˚C
≤ T
A
≤ +75˚C
AV
DD,DVDD
+4.75V to +5.25V
AV
DD −DVDD
<0.5V
|AV
SS -DVSS|
0V to 100 mV
V
RT
1.0V to V
DD
V
RB
0V to 4.0V
V
RT -VRB
1V to 2.8V
V
IN Voltage Range
V
RB to VRT
Converter Electrical Characteristics
The following specifications apply for AV
DD =DVDD = +5.0VDC, OE = 0V, VRT = +2.6V, VRB = 0.6V, CL = 20 pF,
f
CLK = 20MHz at 50% duty cycle. Boldface limits apply for TA =TMIN to TMAX; all other limits TA = 25˚C (Notes 7, 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 9)
Units
DC Accuracy
INL
Integral Non Linearity
f
CLK = 20 MHz
±0.5
±1.3
LSB( max)
INL
Integral Non Linearity
f
CLK = 30 MHz
±1.0
LSB( max)
DNL
Differential Non Linearity
f
CLK = 20 MHz
±0.35
±0.75
LSB( max)
DNL
Differential Non Linearity
f
CLK = 30 MHz
±1.0
LSB( max)
Missing Codes
0
(max)
E
OT
Top Offset
−24
mV
E
OB
Bottom Offset
+37
mV
Video Accuracy
DP
Differential Phase Error
f
in = 4.43 MHz sine wave,
f
CLK = 17.7 MHz
0.5
Degree
DG
Differential Gain Error
f
in = 4.43 MHz sine wave,
f
CLK = 17.7 MHz
0.4
%
Analog Input and Reference Characteristics
V
IN
Input Range
2.0
V
RB
V
RT
V(min)
V(max)
C
IN
V
IN Input Capacitance
V
IN = 1.5V + 0.7Vrms
(CLK LOW)
4
pF
(CLK HIGH)
11
R
IN
R
IN Input Resistance
>1M
BW
Analog Input Bandwidth
120
MHz
R
RT
Top Reference Resistor
360
R
REF
Reference Ladder Resistance
V
RT to VRB
300
200
Ω(min)
400
Ω(max)
R
RB
Bottom Reference Resistor
90
I
REF
Reference Ladder Current
V
RT =VRTS,VRB =VRBS
7
4.8
mA (min)
9.3
mA(max)
V
RT =VRTS,VRB =AVSS
8
5.4
mA (min)
10.5
mA(max)
www.national.com
5


Podobny numer części - ADC1175CIJMX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC1175CIMTC TI1-ADC1175CIMTC Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
ADC1175CIMTC/NOPB TI1-ADC1175CIMTC/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
ADC1175CIMTCX TI1-ADC1175CIMTCX Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
ADC1175CIMTCX/NOPB TI1-ADC1175CIMTCX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
More results

Podobny opis - ADC1175CIJMX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC1175 TI1-ADC1175_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
logo
List of Unclassifed Man...
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
Fujitsu Component Limit...
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 20MHz)
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
ADS-325A MURATA-PS-ADS-325A Datasheet
145Kb / 8P
   10-Bit, 20MHz Sampling A/D Converter
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
C&D Technologies
ADS-325A CANDD-ADS-325A Datasheet
145Kb / 8P
   10-Bit, 20MHz Sampling A/D Converter
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
List of Unclassifed Man...
ADC-304 ETC-ADC-304 Datasheet
152Kb / 5P
   8-Bit, 20MHz, Low-Power Flash A/D Converters
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com