Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC12048CIV Arkusz danych(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części ADC12048CIV
Szczegółowy opis  12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12048CIV Arkusz danych(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC12048CIV Datasheet HTML 2Page - National Semiconductor (TI) ADC12048CIV Datasheet HTML 3Page - National Semiconductor (TI) ADC12048CIV Datasheet HTML 4Page - National Semiconductor (TI) ADC12048CIV Datasheet HTML 5Page - National Semiconductor (TI) ADC12048CIV Datasheet HTML 6Page - National Semiconductor (TI) ADC12048CIV Datasheet HTML 7Page - National Semiconductor (TI) ADC12048CIV Datasheet HTML 8Page - National Semiconductor (TI) ADC12048CIV Datasheet HTML 9Page - National Semiconductor (TI) ADC12048CIV Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Power Supply Characteristics (Continued)
The following specifications apply to the ADC12048 for V
A+=VD+ = 5V, VREF+ = 4.096V, VREF− = 0.0V, 12-bit + sign conver-
sion mode, f
CLK = 12.0 MHz, RS =25Ω, source impedance for VREF+ and VREF− ≤ 1Ω, fully differential input with fixed 2.048V
common-mode voltage, and minimum acquisition time, unless otherwise specified. Boldface limits apply for T
A =TJ =TMIN
to T
MAX; all other limits TA =TJ = 25˚C
Symbol
Parameter
Conditions
Typical
Limits
Unit
(Note 10)
(Note 11)
(Limit)
I
D+VD+ Digital Supply Current
Start Command (Performing a
conversion) with SYNC configured as
an input and driven with a 214 kHz
signal. Bus width set to 13.
f
CLK = 12.0 MHz, Reset Mode
850
µA
f
CLK = 12.0 MHz, Conversion
2.45
2.8
mA (max)
I
A+VA+ Analog Supply Current
Start Command (Performing a
conversion) with SYNC configured as
an input and driven with a 214 kHz
signal. Bus width set to 13.
f
CLK = 12.0 MHz, Reset Mode
2.3
mA
f
CLK = 12.0 MHz, Conversion
2.3
4.0
mA (max)
I
ST
Standby Supply Current
Standby Mode
(I
D++IA+)
f
CLK = Stopped
5
15
µA (max)
f
CLK = 12.0 MHz
100
120
µA (max)
Analog MUX Inputs Characteristics
The following specifications apply to the ADC12048 for V
A+=VD+ = 5V, VREF+ = 4.096V, VREF− = 0.0V, 12-Bit + sign conver-
sion mode, f
CLK = 12.0 MHz, RS =25Ω, source impedance for VREF+ and VREF+ ≤ 1Ω, fully differential input with fixed 2.048V
common-mode voltage, and minimum acquisition time, unless otherwise specified. Boldface limits apply for T
A =TJ =TMIN
to T
MAX; all other limits TA =TJ = 25˚C
Symbol
Parameter
Conditions
Typical
Limits
Unit
(Note 10)
(Note 11)
(Limit)
I
ON
MUX ON Channel Leakage
Current
ON Channel = 5V, OFF Channel = 0V
0.05
1.0
µA (min)
ON Channel = 0V, OFF Channel = 5V
−0.05
−1.0
µA (max)
I
OFF
MUX OFF Channel Leakage
Current
ON Channel = 5V, OFF Channel = 0V
0.05
1.0
µA (min)
ON Channel = 0V, OFF Channel = 5V
−0.05
−1.0
µA (max)
I
ADCIN
ADCIN Input Leakage Current
0.05
2.0
µA (max)
R
ON
MUX On Resistance
V
IN = 2.5V
310
500
Ω (max)
MUX Channel-to-Channel R
ON
Matching
V
IN = 2.5V
±20%
C
MUX
MUX Channel and COM Input
Capacitance
10
pF
C
ADC
ADCIN Input Capacitance
70
pF
C
MUXOUT MUX Output Capacitance
20
pF
Reference Inputs
The following specifications apply to the ADC12048 for V
A+=VD+ = 5V, VREF+ = 4.096V, VREF− = 0.0V, 12-bit + sign con-
version mode, f
CLK = 12.0 MHz, RS =25Ω, source impedance for VREF+ and VREF− ≤ 1Ω, fully differential input with fixed
2.048V common-mode voltage, and minimum acquisition time, unless otherwise specified. Boldface limits apply for T
A =TJ
=T
MIN to TMAX; all other limits TA =TJ = 25˚C
Symbol
Parameter
Conditions
Typical
Limits
Unit
(Note 10)
(Note 11)
(Limit)
I
REF
Reference Input Current
V
REF+ 4.096V, VREF− =0V
Analog Input Signal: 1 kHz
145
µA
(Note 20)
80 kHz
136
µA
C
REF
Reference Input
Capacitance
85
pF
www.national.com
6


Podobny numer części - ADC12048CIV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC12048CIV NSC-ADC12048CIV Datasheet
712Kb / 32P
   12-Bit Plus Sign 216kHz 8-Channel Sampling Analog-to-Digital Converter
logo
Texas Instruments
ADC12048CIV TI1-ADC12048CIV Datasheet
1Mb / 37P
[Old version datasheet]   ADC12048 12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
ADC12048CIV TI1-ADC12048CIV Datasheet
1Mb / 36P
[Old version datasheet]   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
ADC12048CIV/NOPB TI1-ADC12048CIV/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
logo
National Semiconductor ...
ADC12048CIVF NSC-ADC12048CIVF Datasheet
712Kb / 32P
   12-Bit Plus Sign 216kHz 8-Channel Sampling Analog-to-Digital Converter
More results

Podobny opis - ADC12048CIV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC12048 TI1-ADC12048 Datasheet
1Mb / 36P
[Old version datasheet]   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
logo
National Semiconductor ...
ADC12041 NSC-ADC12041 Datasheet
591Kb / 28P
   12-Bit Plus Sign 216 kHz Sampling Analog-to-Digital Converter
logo
Texas Instruments
ADC12048 TI1-ADC12048_14 Datasheet
1Mb / 37P
[Old version datasheet]   ADC12048 12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
logo
National Semiconductor ...
ADC12048 NSC-ADC12048_02 Datasheet
712Kb / 32P
   12-Bit Plus Sign 216kHz 8-Channel Sampling Analog-to-Digital Converter
logo
Texas Instruments
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
PCM4104-EP TI-PCM4104-EP Datasheet
877Kb / 43P
[Old version datasheet]   High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PCM4104-EP TI-PCM4104-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
logo
National Semiconductor ...
ADC1242 NSC-ADC1242 Datasheet
254Kb / 14P
   12-Bit Plus Sign Sampling A/D Converter
logo
Texas Instruments
ADS7822-Q1 TI1-ADS7822-Q1 Datasheet
769Kb / 23P
[Old version datasheet]   12-BIT 200-kHz MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
PCM4202-EP TI-PCM4202-EP_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converter
JUNE 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com