Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC2112QDNTRQ1 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części FDC2112QDNTRQ1
Szczegółowy opis  Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2112QDNTRQ1 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button FDC2112QDNTRQ1 Datasheet HTML 6Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 7Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 8Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 9Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 10Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 11Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 12Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 13Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
IN0A
IN0B
IN1A
IN1B
FDC2112 / FDC2212
VDD
GND
SCL
SDA
Int. Osc.
ADDR
INTB
SD
GND
MCU
VDD
3.3 V
3.3 V
GPIO
GPIO
0.1 F 1 F
Core
Resonant
circuit driver
Resonant
circuit driver
I
2C
I
2C
peripheral
3.3 V
L
Cap
Sensor 0
CLKIN
40 MHz
C
L
Cap
Sensor 1
C
Copyright © 2016, Texas Instruments Incorporated
10
FDC2112-Q1, FDC2114-Q1, FDC2212-Q1, FDC2214-Q1
SNOSCZ9 – MAY 2016
www.ti.com
Product Folder Links: FDC2112-Q1 FDC2114-Q1 FDC2212-Q1 FDC2214-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The FDC2112, FDC2114, FDC2212, and FDC2214 are high-resolution, multichannel capacitance-to-digital
converters for implementing capacitive sensing solutions. In contrast to traditional switched-capacitance
architectures, the FDC2112, FDC2114, FDC2212, and FDC2214 employ an L-C resonator, also known as L-C
tank, as a sensor. The narrow-band architecture allows unprecedented EMI immunity and greatly reduced noise
floor when compared to other capacitive sensing solutions.
Using this approach, a change in capacitance of the L-C tank can be observed as a shift in the resonant
frequency. Using this principle, the FDC is a capacitance-to-digital converter (FDC) that measures the oscillation
frequency of an LC resonator. The device outputs a digital value that is proportional to frequency. This frequency
measurement can be converted to an equivalent capacitance
7.2 Functional Block Diagrams
Figure 10. Block Diagram for the FDC2112 and FDC2212


Podobny numer części - FDC2112QDNTRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
FDC2112QDNTRQ1 TI1-FDC2112QDNTRQ1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
FDC2112QDNTRQ1 TI1-FDC2112QDNTRQ1 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
More results

Podobny opis - FDC2112QDNTRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
FDC2212 TI1-FDC2212 Datasheet
1Mb / 60P
[Old version datasheet]   Capacitance-to-Digital Converter for Proximity Level Sensing Applications
logo
Sanyo Semicon Device
LC717A00AR SANYO-LC717A00AR Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
LC717A10AR SANYO-LC717A10AR Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
ENA2162 ONSEMI-ENA2162 Datasheet
144Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
ENA2089A ONSEMI-ENA2089A Datasheet
146Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
logo
Sanyo Semicon Device
LC717A10AJ SANYO-LC717A10AJ Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
LC717A00AJ ONSEMI-LC717A00AJ_17 Datasheet
146Kb / 13P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
October, 2017 ??Rev. 1
logo
Sanyo Semicon Device
LC717A00AJ SANYO-LC717A00AJ Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
Quantum Research Group
QT300 QUANTUM-QT300_03 Datasheet
296Kb / 12P
   CAPACITANCE TO DIGITAL CONVERTER
QT300 QUANTUM-QT300 Datasheet
380Kb / 14P
   CAPACITANCE TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com