Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC12081CIVT Arkusz danych(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części ADC12081CIVT
Szczegółowy opis  12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12081CIVT Arkusz danych(HTML) 3 Page - National Semiconductor (TI)

  ADC12081CIVT Datasheet HTML 1Page - National Semiconductor (TI) ADC12081CIVT Datasheet HTML 2Page - National Semiconductor (TI) ADC12081CIVT Datasheet HTML 3Page - National Semiconductor (TI) ADC12081CIVT Datasheet HTML 4Page - National Semiconductor (TI) ADC12081CIVT Datasheet HTML 5Page - National Semiconductor (TI) ADC12081CIVT Datasheet HTML 6Page - National Semiconductor (TI) ADC12081CIVT Datasheet HTML 7Page - National Semiconductor (TI) ADC12081CIVT Datasheet HTML 8Page - National Semiconductor (TI) ADC12081CIVT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pin Descriptions and Equivalent Circuits #2
No.
Symbol
Equivalent Circuit
Description
2V
IN
Analog signal input. With a 2.0V reference voltage,
input signal voltages in the range of 0 to 2.0 Volts
will be converted. See section 1.2.
1V
REF
Reference voltage input. This pin should be driven
from an accurate, stable reference source in the
range of 1.8 to 2.2V and bypassed to a low-noise
analog ground with a monolithic ceramic capacitor,
nominally 0.01µF. See section 1.1.
32
V
RP
Positive reference bypass pin. Bypass with a 0.1µF
capacitor. Do not connect anything else to this pin.
See section 3.1
31
V
RM
Reference midpoint bypass pin. Bypass with a
0.1µF capacitor. Do not connect anything else to
this pin. See section 3.1
30
V
RN
Negative reverence bypass pin. Bypass with a
0.1µF capacitor. Do not connect anything else to
this pin. See section 3.1
10
CLOCK
Sample Clock input, TTL compatible. Maximum
amplitude should not exceed 3V.
8
CAL
Calibration request, active High. Calibration cycle
starts when CAL returns to logic low. CAL is ignored
during power-down mode. See section 2.2.
7PD
Power-down, active High, ignored during calibration
cycle. See paragraph 2.4
11
OE
Output enable control, active low. When this pin is
high the data outputs are in Tri-state
(high-impedance) mode.
28
OR
Over range indicator. This pin is at a logic High for
V
IN < 0 or for VIN > VREF.
29
READY
Device ready indicator, active High. This pin is at a
logic Low during a calibration cycle and while the
device is in the power down mode.
14-19,
22-27
D0 - D11
Digital output word, CMOS compatible. D0 (pin 14)
is LSB, D11 (pin 27) is MSB. Load with no more
than 50pF.
www.national.com
3


Podobny numer części - ADC12081CIVT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC12081CIVT NSC-ADC12081CIVT Datasheet
300Kb / 17P
   12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
logo
Texas Instruments
ADC12081CIVT/NOPB TI1-ADC12081CIVT/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
ADC12081CIVTX/NOPB TI1-ADC12081CIVTX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
More results

Podobny opis - ADC12081CIVT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC12081 TI1-ADC12081 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
logo
National Semiconductor ...
ADC12181 NSC-ADC12181 Datasheet
322Kb / 17P
   12-Bit, 10 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
ADC12191 NSC-ADC12191 Datasheet
278Kb / 16P
   12-Bit, 10 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
ADC12081 NSC-ADC12081_02 Datasheet
300Kb / 17P
   12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
logo
Cirrus Logic
CS5012A CIRRUS-CS5012A Datasheet
1Mb / 40P
   16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
Cirrus Logic
CS5016 CIRRUS-CS5016 Datasheet
397Kb / 46P
   16, 14 & 12-Bit, Self-Calibrating A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com