Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74CB3Q3125DGVR Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74CB3Q3125DGVR
Szczegółowy opis  Quadruple FET Bus Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3Q3125DGVR Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button SN74CB3Q3125DGVR Datasheet HTML 3Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 4Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 5Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 6Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 7Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 8Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 9Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 10Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
VOH
VOL
CL
(see Note A)
TEST CIRCUIT
S1
2 × VCC
Open
GND
R
R
L
L
tPLH
tPHL
Output
Waveform 1
S1 at 2 × VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
VCC
0 V
VOH
VOL
0 V
VOL + V
VOH − V
0 V
Output
Control
(VIN)
VCC
VCC
VOLTAGE WAVEFORMS
PROPAGATION DELA Y TIMES (tpd(s) )
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Output
50 Ω
VG1
VCC
DUT
50 Ω
VIN
50 Ω
VG2
50 Ω
VI
TEST
RL
S1
V
CL
2.5 V ± 0.2 V
3.3 V ± 0.3 V
VCC
VI
tPHZ/tPZH
tPLZ/tPZL
tpd(s)
2.5 V ± 0.2 V
3.3 V ± 0.3 V
2.5 V ± 0.2 V
3.3 V ± 0.3 V
Open
Open
2 × VCC
2 × VCC
GND
GND
500 Ω
500 Ω
500 Ω
500 Ω
500 Ω
500 Ω
VCC or GND
VCC or GND
GND
GND
VCC
VCC
30 pF
50 pF
30 pF
50 pF
30 pF
50 pF
0.15 V
0.3 V
0.15 V
0.3 V
Output
Control
(VIN)
Input Generator
Input Generator
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VO
SN74CB3Q3125
www.ti.com
SCDS143C – OCTOBER 2003 – REVISED JUNE 2015
7 Parameter Measurement Information
A.
CL includes probe and jig capacitance.
B.
Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output
control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the
output control.
C.
All input pulses are supplied by generators having the following characteristics: PRR
≤10 MHz, ZO = 50 Ω, tr ≤2.5 ns,
tf ≤2.5 ns.
D.
The outputs are measured one at a time, with one transition per measurement.
E.
tPLZ and tPHZ are the same as tdis.
F.
tPZL and tPZH are the same as ten.
G.
tPLH and tPHL are the same as tpd(s). The tpd propagation delay is the calculated RC time constant of the typical ON-
state resistance of the switch and the specified load capacitance, when driven by an ideal voltage source (zero output
impedance).
H.
All parameters and waveforms are not applicable to all devices.
Figure 3. Test Circuit and Voltage Waveforms
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74CB3Q3125


Podobny numer części - SN74CB3Q3125DGVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CB3Q3125DGVR TI-SN74CB3Q3125DGVR Datasheet
306Kb / 1P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results

Podobny opis - SN74CB3Q3125DGVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CBT3125 TI-SN74CBT3125 Datasheet
64Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3126 PHILIPS-CBT3126 Datasheet
95Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Texas Instruments
SN74CB3T3125 TI-SN74CB3T3125 Datasheet
188Kb / 12P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
SN74CBT3126 TI-SN74CBT3126 Datasheet
63Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125_15 Datasheet
102Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Nexperia B.V. All right...
CBT3125 NEXPERIA-CBT3125 Datasheet
218Kb / 12P
   Quadruple FET bus switch
Rev. 2 - 1 October 2018
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125 Datasheet
96Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Unisonic Technologies
U74CBT3126 UTC-U74CBT3126 Datasheet
196Kb / 5P
   QUADRUPLE FET BUS SWITCH
U74CBT3126 UTC-U74CBT3126_15 Datasheet
232Kb / 5P
   QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT3126DBQR TI1-SN74CBT3126DBQR Datasheet
1Mb / 19P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com