Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74CB3Q3253DBQR Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74CB3Q3253DBQR
Szczegółowy opis  Dual 1-of-4 FET Multiplexer ??Demultiplexer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3Q3253DBQR Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button SN74CB3Q3253DBQR Datasheet HTML 5Page - Texas Instruments SN74CB3Q3253DBQR Datasheet HTML 6Page - Texas Instruments SN74CB3Q3253DBQR Datasheet HTML 7Page - Texas Instruments SN74CB3Q3253DBQR Datasheet HTML 8Page - Texas Instruments SN74CB3Q3253DBQR Datasheet HTML 9Page - Texas Instruments SN74CB3Q3253DBQR Datasheet HTML 10Page - Texas Instruments SN74CB3Q3253DBQR Datasheet HTML 11Page - Texas Instruments SN74CB3Q3253DBQR Datasheet HTML 12Page - Texas Instruments SN74CB3Q3253DBQR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
2B1
1B1
2A
1A
S0
S1
1OE
2OE
1B2
1B3
1B4
2B2
2B3
2B4
SW
SW
SW
SW
SW
SW
SW
SW
7
9
14
2
1
15
6
5
4
3
10
11
12
13
SN74CB3Q3253
www.ti.com
SCDS145B – OCTOBER 2003 – REVISED JUNE 2015
8.2 Functional Block Diagram
8.3 Feature Description
The SN74CB3Q3253 device has a high-bandwidth data path (up to 500 MHz) and has 5-V tolerant I/Os with the
device powered up or powered down. It also has low and flat ON-state resistance (ron) characteristics over
operating range (ron = 4 Ω Typical)
This device also has rail-to-rail switching on data I/O ports for 0- to 5-V switching with 3.3-V VCCand 0- to 3.3-V
switching with 2.5-V VCCas well as bidirectional data flow with near-zero propagation delay and low input and
output capacitance that minimizes loading and signal distortion (Cio(OFF) = 3.5 pF Typical)
The SN74CB3Q3253 also provides a fast switching frequency (fOE = 20 MHz Maximum) with data and control
inputs that provide undershoot clamp diodes as well as low power consumption (ICC = 0.6 mA Typical)
The VCC operating range is from 2.3 V to 3.6 V and the data I/Os support 0- to 5-V signal levels of (0.8-V, 1.2-V,
1.5-V, 1.8-V, 2.5-V, 3.3-V, 5-V)
The control inputs can be driven by TTL or 5-V and 3.3-V CMOS outputs as well as Ioff Supports Partial-Power-
Down Mode Operation
8.4 Device Functional Modes
Table 1 lists the functional modes of the SN74CB3Q3253.
Table 1. Function Table
(Each Multiplexer/Demultiplexer)
INPUTS
INPUT/OUTPUT
FUNCTION
OE
S1
S0
A
L
L
L
B1
A port = B1 port
L
L
H
B2
A port = B2 port
L
H
L
B3
A port = B3 port
L
H
H
B4
A port = B4 port
H
X
X
Z
Disconnect
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74CB3Q3253


Podobny numer części - SN74CB3Q3253DBQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CB3Q3253DBQR TI-SN74CB3Q3253DBQR Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
SN74CB3Q3253DBQR TI-SN74CB3Q3253DBQR Datasheet
641Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253DBQR TI-SN74CB3Q3253DBQR Datasheet
699Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results

Podobny opis - SN74CB3Q3253DBQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Texas Instruments
74CB3T3253DGVRE4 TI-74CB3T3253DGVRE4 Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253ADS-T NXP-CBT3253ADS-T Datasheet
119Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 3-24 September 2013
CBT3253A NXP-CBT3253A Datasheet
110Kb / 17P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 02-8 February 2007
logo
Texas Instruments
SN74CB3T3253 TI-SN74CB3T3253 Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253A PHILIPS-CBT3253A_15 Datasheet
167Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4-31 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com