Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74CB3T3245PW Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74CB3T3245PW
Szczegółowy opis  8-Bit FET Bus Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3T3245PW Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button SN74CB3T3245PW Datasheet HTML 6Page - Texas Instruments SN74CB3T3245PW Datasheet HTML 7Page - Texas Instruments SN74CB3T3245PW Datasheet HTML 8Page - Texas Instruments SN74CB3T3245PW Datasheet HTML 9Page - Texas Instruments SN74CB3T3245PW Datasheet HTML 10Page - Texas Instruments SN74CB3T3245PW Datasheet HTML 11Page - Texas Instruments SN74CB3T3245PW Datasheet HTML 12Page - Texas Instruments SN74CB3T3245PW Datasheet HTML 13Page - Texas Instruments SN74CB3T3245PW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
2
19
1
RON
SN74CB3T3245
Bus
Controller
8
Device
8
20
A1
VCC
NC
OE
0.1 2F
VCC
3
RON
A2
4
RON
A3
5
RON
A4
6
RON
A5
7
RON
A6
8
RON
A7
9
RON
A8
10
GND
18
B1
17
B2
16
B3
15
B4
14
B5
13
B6
12
B7
11
B8
SN74CB3T3245
SCDS136B – OCTOBER 2003 – REVISED JUNE 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
This application is specifically to connect a 5-V bus to a 3.3-V device. It is assumed that communication in this
particular application is one-directional, going from the bus controller to the device.
9.2 Typical Application
Figure 8. Typical Application Schematic
9.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Take care to avoid bus contention because it
can drive currents that would exceed maximum limits.
Because this design is for down-translating voltage, no pullup resistors are required.
9.2.2 Detailed Design Procedure
1. Recommended Input conditions
Specified high and low levels. See (VIH and VIL) in Recommended Operating Conditions
Inputs are overvoltage tolerant allowing them to go as high as 7 V at any valid VCC
2. Recommend output conditions
Load currents should not exceed 128 mA on each channel
10
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: SN74CB3T3245


Podobny numer części - SN74CB3T3245PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CB3T3245PW TI-SN74CB3T3245PW Datasheet
307Kb / 14P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWTCH WITH 5-V-TOLERANK LEVEL SHIFTER
SN74CB3T3245PW TI-SN74CB3T3245PW Datasheet
356Kb / 18P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3245PW TI-SN74CB3T3245PW Datasheet
476Kb / 17P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3245PW TI-SN74CB3T3245PW Datasheet
512Kb / 18P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3245PWE4 TI-SN74CB3T3245PWE4 Datasheet
307Kb / 14P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWTCH WITH 5-V-TOLERANK LEVEL SHIFTER
More results

Podobny opis - SN74CB3T3245PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CBT3345 TI1-SN74CBT3345_16 Datasheet
1Mb / 16P
[Old version datasheet]   8-BIT FET BUS SWITCH
SN74CBT3345 TI-SN74CBT3345 Datasheet
51Kb / 4P
[Old version datasheet]   8-BIT FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT3345 RENESAS-HD74CBT3345 Datasheet
213Kb / 11P
   8-bit FET Bus Switch
logo
Texas Instruments
SN74CBT3384A TI-SN74CBT3384A_07 Datasheet
522Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT16245-Q1 TI1-SN74CBT16245-Q1 Datasheet
127Kb / 7P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16211A TI-SN74CBT16211A_07 Datasheet
452Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH
SN74CBT16210 TI-SN74CBT16210 Datasheet
66Kb / 4P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT3861 TI-SN74CBT3861 Datasheet
258Kb / 10P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT3384A TI-SN74CBT3384A_06 Datasheet
296Kb / 12P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT32245 TI-SN74CBT32245 Datasheet
260Kb / 8P
[Old version datasheet]   32-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com