Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A3166 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części TS5A3166
Szczegółowy opis  SPST Analog Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3166 Arkusz danych(HTML) 4 Page - Texas Instruments

  TS5A3166_16 Datasheet HTML 1Page - Texas Instruments TS5A3166_16 Datasheet HTML 2Page - Texas Instruments TS5A3166_16 Datasheet HTML 3Page - Texas Instruments TS5A3166_16 Datasheet HTML 4Page - Texas Instruments TS5A3166_16 Datasheet HTML 5Page - Texas Instruments TS5A3166_16 Datasheet HTML 6Page - Texas Instruments TS5A3166_16 Datasheet HTML 7Page - Texas Instruments TS5A3166_16 Datasheet HTML 8Page - Texas Instruments TS5A3166_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
TS5A3166
SCDS186D – FEBRUARY 2005 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TS5A3166
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VI/O
Input/output voltage
0
V+
V
V+
Supply voltage
1.65
5.5
V
VI
Control Input Voltage
0
5.5
V
TA
Operating free-air temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TS5A3166
UNIT
DBV (SOT)
DCK (SC-70)
YZP (DSBGA)
5 PINS
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
206
252
132
°C/W
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
6.5 Electrical Characteristics for 5-V Supply
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
VCOM,
VNO
Analog signal
range
0
V+
V
rpeak
Peak ON
resistance
0
≤ VNO ≤ V+,
ICOM = –100 mA,
Switch ON,
see Figure 13
25°C
4.5 V
0.8
1.1
Ω
Full
1.2
ron
ON-state
resistance
VNO = 2.5 V,
ICOM = –100 mA,
Switch ON,
see Figure 13
25°C
4.5 V
0.7
0.9
Ω
Full
1
ron(flat)
ON-state
resistance
flatness
0
≤ VNO ≤ V+,
ICOM = –100 mA,
Switch ON,
see Figure 13
25°C
4.5 V
0.15
Ω
VNO = 1 V, 1.5 V, 2.5 V,
ICOM = –100 mA,
25°C
0.09
0.15
Full
0.15
INO(OFF)
NO
OFF leakage
current
VNO = 1 V,
VCOM = 4.5 V,
or
VNO = 4.5 V,
VCOM = 1 V,
Switch OFF,
see Figure 14
25°C
5.5 V
–20
4
20
nA
Full
–100
100
INO(PWROFF)
VNO = 0 to 5.5 V,
VCOM = 5.5 V to 0,
25°C
0 V
–5
0.4
5
μA
Full
–15
15
ICOM(OFF)
COM
OFF leakage
current
VCOM = 1 V,
VNO = 4.5 V,
or
VCOM = 4.5 V,
VNO = 1 V,
Switch OFF,
see Figure 14
25°C
5.5 V
–20
4
20
nA
Full
–100
100
ICOM(PWROFF
)
VCOM = 5.5 V to 0,
VNO = 0 to 5.5 V,
25°C
0 V
–5
0.4
5
μA
Full
–15
15


Podobny numer części - TS5A3166_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3166 TI-TS5A3166_15 Datasheet
1,012Kb / 31P
[Old version datasheet]   TS5A3166 0.9-廓 SPST Analog Switch
More results

Podobny opis - TS5A3166_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NLAST4501 ONSEMI-NLAST4501_06 Datasheet
103Kb / 10P
   Single SPST Analog Switch
May, 2006 ??Rev. 4
NLAS4501 ONSEMI-NLAS4501 Datasheet
135Kb / 10P
   Single SPST Analog Switch
November, 2004 ??Rev. 4
logo
Analog Devices
AD7513 AD-AD7513_15 Datasheet
625Kb / 2P
   DUAL SPST ANALOG SWITCH
logo
Texas Instruments
TS5A4596 TI-TS5A4596_08 Datasheet
456Kb / 18P
[Old version datasheet]   8-??SPST ANALOG SWITCH
TS5A4596 TI1-TS5A4596_14 Datasheet
890Kb / 22P
[Old version datasheet]   8- SPST ANALOG SWITCH
logo
ON Semiconductor
NLAST4501 ONSEMI-NLAST4501 Datasheet
83Kb / 10P
   Single SPST Analog Switch
November, 2003 ??Rev. 2
logo
Maxim Integrated Produc...
MAX4613 MAXIM-MAX4613_07 Datasheet
247Kb / 10P
   Quad, SPST Analog Switch
Rev 3; 6/07
MAX4613 MAXIM-MAX4613 Datasheet
122Kb / 8P
   Quad, SPST Analog Switch
Rev 0; 4/98
logo
Texas Instruments
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
[Old version datasheet]   DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com