Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS431BCT-A3G Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części TS431BCT-A3G
Szczegółowy opis  2.495V Programmable Shunt Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431BCT-A3G Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS431BCT-A3G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS431BCT-A3G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS431BCT-A3G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS431BCT-A3G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS431BCT-A3G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431BCT-A3G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431BCT-A3G Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431BCT-A3G Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS431BCT-A3G Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TS431
Taiwan Semiconductor
Document Number: DS_P0000235
1
Version: H15
2.495V Programmable Shunt Voltage Reference
GENERAL DESCRIPTION
TS431
series
integrated
circuits
are
three-terminal
programmable shunt regulator diodes. These monolithic
IC voltage references operate as a low temperature
coefficient zener which is programmable from VREF to 36
volts with two external resistors. These devices exhibit a
wide operating current range of 1.0 to 100mA with a
typical dynamic impedance of 0.22Ω.
The characteristics of these references make them
excellent
replacements
for
zener
diodes
in
many
applications such as digital voltmeters, power supplies,
and op amp circuitry. The 2.5V reference makes it
convenient to obtain a stable reference from 5.0V logic
supplies, and since The TS431 series operates as a
shunt regulator, it can be used as either a positive or
negative stage reference.
FEATURES
● Precision Reference Voltage
TS431 –2.495V ±2%
TS431A – 2.495V ±1%
TS431B – 2.495V ±0.5%
● Equivalent Full Range Temp. Coefficient:
50ppm/°C
● Programmable Output Voltage up to 36V
● Fast Turn-On Response
● Sink Current Capability of 1~100mA
● Low Dynamic Output Impedance: 0.2Ω
● Low Output Noise
APPLICATION
● SMPS
● Lighting
● Telecommunication
● Home appliance
TO-92
Pin Definition:
1. Reference
2. Anode
3. Cathode
SOT-23
Pin Definition:
1. Reference
2. Cathode
3. Anode
SOP-8
Pin Definition
1. Cathode
5. N/C
2. Anode
6. Anode
3. Anode
7. Anode
4. N/C
8. Reference
Notes:
1. Moisture sensitivity level: level 3. Per J-STD-020 (SOP-8)
2. Moisture sensitivity level: level 1. Per J-STD-020 (SOT-23)
TYPICAL APPLICATIN CIRCUIT


Podobny numer części - TS431BCT-A3G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS431BCT TSC-TS431BCT Datasheet
216Kb / 8P
   Adjustable Precision Shunt Regulator
TS431BCTA3 TSC-TS431BCTA3 Datasheet
466Kb / 13P
   Adjustable Precision Shunt Regulator
TS431BCTA3G TSC-TS431BCTA3G Datasheet
466Kb / 13P
   Adjustable Precision Shunt Regulator
TS431BCTB0 TSC-TS431BCTB0 Datasheet
466Kb / 13P
   Adjustable Precision Shunt Regulator
TS431BCTB0G TSC-TS431BCTB0G Datasheet
466Kb / 13P
   Adjustable Precision Shunt Regulator
More results

Podobny opis - TS431BCT-A3G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS431XRIX-Z TSC-TS431XRIX-Z Datasheet
449Kb / 7P
   2.495V Programmable Shunt Voltage Reference
logo
STMicroelectronics
TS2431 STMICROELECTRONICS-TS2431 Datasheet
278Kb / 6P
   PROGRAMMABLE SHUNT VOLTAGE REFERENCE
TLVH431 STMICROELECTRONICS-TLVH431 Datasheet
823Kb / 15P
   Programmable shunt voltage reference
November 2015 Rev 5
TS3431 STMICROELECTRONICS-TS3431_07 Datasheet
145Kb / 10P
   1.24V programmable shunt voltage reference
TS3431 STMICROELECTRONICS-TS3431 Datasheet
333Kb / 11P
   1.24V Programmable Shunt Voltage Reference
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
   PRECISION SHUNT VOLTAGE REFERENCE
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
   Shunt Bandgap Voltage Reference
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041_1 Datasheet
61Kb / 6P
   MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4041 ADMOS-AMS4041 Datasheet
61Kb / 6P
   MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Analog Microelectronics
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
   Shunt Bandgap Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com