Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2080D1 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części TPA2080D1
Szczegółowy opis  Constant Output Power Class-D Audio Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2080D1 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TPA2080D1_16 Datasheet HTML 7Page - Texas Instruments TPA2080D1_16 Datasheet HTML 8Page - Texas Instruments TPA2080D1_16 Datasheet HTML 9Page - Texas Instruments TPA2080D1_16 Datasheet HTML 10Page - Texas Instruments TPA2080D1_16 Datasheet HTML 11Page - Texas Instruments TPA2080D1_16 Datasheet HTML 12Page - Texas Instruments TPA2080D1_16 Datasheet HTML 13Page - Texas Instruments TPA2080D1_16 Datasheet HTML 14Page - Texas Instruments TPA2080D1_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11
TPA2080D1
www.ti.com
SLOS733B – JANUARY 2012 – REVISED APRIL 2016
Product Folder Links: TPA2080D1
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The TPA2080D1 is a high-efficiency Class-D audio power amplifier with an integrated Class-G boost converter
that enhances efficiency at low output power. The built-in converter generates a 5.75-V supply voltage for the
Class-D amplifier when high output power is required. The device has a integrated low-pass filter to improve the
RF rejection and reduce DAC out-of-band noise, increasing the signal-to-noise ratio (SNR).
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 Fully Differential Amplifier
The TPA2080D1 is a fully differential amplifier with differential inputs and outputs. The fully differential amplifier
consists of a differential amplifier with common-mode feedback. The differential amplifier ensures that the
amplifier outputs a differential voltage on the output that is equal to the differential input times the gain. The
common-mode feedback ensures that the common-mode voltage at the output is biased around VCC/2
regardless of the common-mode voltage at the input. The fully differential TPA2080D1 can still be used with a
single-ended input; however, the TPA2080D1 must be used with differential inputs when in a noisy environment,
like a wireless handset, to ensure maximum noise rejection.
9.3.1.1 Advantages of Fully Differential Amplifiers
Input-coupling capacitors not required:
The fully differential amplifier allows the inputs to be biased at voltage other than mid-supply. The inputs of


Podobny numer części - TPA2080D1_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
More results

Podobny opis - TPA2080D1_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2025D1 TI1-TPA2025D1_14 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2015D1 TI1-TPA2015D1 Datasheet
1Mb / 33P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA2018 ANPEC-APA2018 Datasheet
276Kb / 19P
   3.6W Constant Output Power Class-D Audio Amplifier
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
logo
ON Semiconductor
NCP2830 ONSEMI-NCP2830 Datasheet
314Kb / 15P
   1W Constant Filterless Class-D Audio Amplifier
August, 2009 ??Rev. 0
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com