Zakładka z wyszukiwarką danych komponentów |
|
TPA3245D2DDV Arkusz danych(PDF) 1 Page - Texas Instruments |
|
TPA3245D2DDV Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 28 page Power Supply 110VAC->240VAC TAS5630 30V TPA3245 Audio Source And Control RIGHT LEFT LC Filter LC Filter /RESET /FAULT M1:M2 FREQ_ADJ OSC_IO /CLIP_OTW Operation Mode Select Switching Frequency Select 12V Master/Slave Synchronization TO BE UPDATED Product Folder Sample & Buy Technical Documents Tools & Software Support & Community An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of development. Subject to change or discontinuance without notice. TPA3245 SLASEC7 – APRIL 2016 TPA3245 100-W Stereo, 200-W Mono PurePath™ Ultra-HD Analog-Input 1 1 Features 1 • Differential Analog Inputs • Total Output Power at 10%THD+N – 115-W Stereo into 4 Ω in BTL Configuration – 150-W Stereo into 3 Ω in BTL Configuration – 230-W Mono into 2 Ω in PBTL Configuration • Total Output Power at 1%THD+N – 95-W Stereo into 4 Ω in BTL Configuration – 125-W Stereo into 3 Ω in BTL Configuration – 190-W Mono into 2 Ω in PBTL Configuration • Advanced Integrated Feedback Design with High- speed Gate Driver Error Correction (PurePath™ Ultra-HD) – Signal Bandwidth up to 100 kHz for High Frequency Content From HD Sources – Ultra Low 0.005% THD+N at 1 W into 4 Ω and <0.01% THD+N to Clipping – 60 dB PSRR (BTL, No Input Signal) – <55 µV (A-Weighted) Output Noise – >111 dB (A Weighted) SNR • Multiple Configurations Possible: – Stereo, Mono, 2.1 and 4xSE • Click and Pop Free Startup and Stop • 90% Efficient Class-D Operation (4 Ω) • Wide 12-V to 30-V Supply Voltage Operation • Self-Protection Design (Including Undervoltage, Overtemperature, Clipping, and Short Circuit Protection) With Error Reporting • EMI Compliant When Used With Recommended System Design 2 Applications • Blu-ray Disk™ / DVD Receivers • High End TV sets • High End Soundbar • Mini Combo Systems • Active Speakers and Subwoofers 3 Description TPA3245 is a high performance class-D power amplifier that enables true premium sound quality with class-D efficiency. It features an advanced integrated feedback design and proprietary high- speed gate driver error correction (PurePath™ Ultra- HD). This technology allows ultra low distortion across the audio band and superior audio quality. The device can drive up to 2 x 100 W into 4- Ω load and 2 x 133 W into 3- Ω load and features a 2 VRMS analog input interface that works seamlessly with high performance DACs such as TI's PCM5242. In addition to excellent audio performance, TPA3245 achieves both high power efficiency and very low power stage idle losses below 0.8 W. This is achieved through the use of 60 m Ω MOSFETs and an optimized gate driver scheme that achieves significantly lower idle losses than typical discrete implementations. Device Information(1) PART NUMBER PACKAGE BODY SIZE (NOM) TPA3245 HTSSOP (44) 6.10 mm x 14.00 mm (1) For all available packages, see the orderable addendum at the end of the datasheet. Simplified Schematic Total Harmonic Distortion |
Podobny numer części - TPA3245D2DDV |
|
Podobny opis - TPA3245D2DDV |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |