Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4755A Arkusz danych(PDF) 3 Page - Suntan Capacitors

Numer części 1N4755A
Szczegółowy opis  For use in stabilizing and clipping circuits with high
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNTAN [Suntan Capacitors]
Strona internetowa  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

1N4755A Arkusz danych(HTML) 3 Page - Suntan Capacitors

  1N4755A Datasheet HTML 1Page - Suntan Capacitors 1N4755A Datasheet HTML 2Page - Suntan Capacitors 1N4755A Datasheet HTML 3Page - Suntan Capacitors 1N4755A Datasheet HTML 4Page - Suntan Capacitors 1N4755A Datasheet HTML 5Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Suntan®
Silicon Planar Power Zener Diodes 1N4727A...1N4761A
Characteristics at Ta = 25℃
Zener Voltage Range 3)
Dynamic Resistance 1)
Reverse Current
Maximum Surge
Current 4)
Vznom
VZT
at IZT
ZZT
ZZk
at
IZK
IR
at VR
at Ta = 25℃
Maximum Regulator
Current 2)
TYPE
(V)
(V)
(mA)
Max. (Ω)
Max. (Ω)
(mA)
Max.(µA)
(V)
IZSM (mA)
IZM (mA)
1N4759A
62
58.9…65.1
4
125
2000
0.25
5
47.1
70
14
1N4760A
68
64.6…71.4
3.7
150
2000
0.25
5
51.7
65
13
1N4761A
75
71.25…78.75
3.3
175
2000
0.25
5
56
60
12
1) The dynamic resistance is derived from the 60 Hz AC voltage which results when an AC current having an RMS value equal to
10% of the Zener Current (IZT or IZK) is superimposed on IZT or IZK. Dynamic resistance is measured at two points to insure a
sharp knee on the breakdown curve and to eliminate unstable units.
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
3) Tested with pulses tp = 20 ms.
4) The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or
equivalent sine wave pulse of 1/120 second duration superimposed on the test current IZT.
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Podobny numer części - 1N4755A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SEMTECH ELECTRONICS LTD...
1N4755A SEMTECH_ELEC-1N4755A Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
Vishay Siliconix
1N4755A VISHAY-1N4755A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Fairchild Semiconductor
1N4755A FAIRCHILD-1N4755A Datasheet
667Kb / 5P
   Zener Diodes
1N4755A FAIRCHILD-1N4755A Datasheet
56Kb / 5P
   COLOR BAND DENOTES CATHODE
logo
Shunye Enterprise
1N4755A SHUNYE-1N4755A Datasheet
341Kb / 3P
   ZENER DIODES
More results

Podobny opis - 1N4755A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Leiditech Elec...
1N4727A LEIDITECH-1N4727A Datasheet
763Kb / 4P
   for use in stabilizing and clipping circuits with high power rating.
logo
Suntan Capacitors
ZM4728 SUNTAN-ZM4728 Datasheet
471Kb / 4P
   For use in stabilizing and clipping circuits with high power rating
logo
Shanghai Leiditech Elec...
ZM4721 LEIDITECH-ZM4721 Datasheet
791Kb / 3P
   for use in stabilizing and clipping circuits with high power rating.
logo
NXP Semiconductors
PF86 PHILIPS-PF86 Datasheet
134Kb / 5P
   PENTODE FOR USE IN TRANSITRON CIRCUITS
1.1.1960
logo
List of Unclassifed Man...
VCA7010VEA7506 ETC-VCA7010VEA7506 Datasheet
273Kb / 1P
   Video Equalizing Amplifier with Clipping and Clamping
logo
Toshiba Semiconductor
RN1544-A TOSHIBA-RN1544-A Datasheet
269Kb / 4P
   For use in Muting and Switching Applications
logo
Schurter Inc.
FPG7 SCHURTER-FPG7_15 Datasheet
247Kb / 2P
   Surface Mount Device with stabilizing Posts
logo
Gennum Corporation
LS505 GENNUM-LS505 Datasheet
163Kb / 5P
   High Gain Class A Amplifier with Peak Clipping
logo
Amphenol Corporation
JW-13 AMPHENOL-JW-13 Datasheet
80Kb / 4P
   Suitable for use in conditions of high
logo
Sanyo Semicon Device
GMA01 SANYO-GMA01 Datasheet
50Kb / 2P
   Very High-Speed Switching, Bias Stabilizing Applications
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com