Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX55C20 Arkusz danych(PDF) 1 Page - Suntan Capacitors

Numer części BZX55C20
Szczegółowy opis  The Zener voltages are graded according to the
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNTAN [Suntan Capacitors]
Strona internetowa  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

BZX55C20 Arkusz danych(HTML) 1 Page - Suntan Capacitors

  BZX55C20 Datasheet HTML 1Page - Suntan Capacitors BZX55C20 Datasheet HTML 2Page - Suntan Capacitors BZX55C20 Datasheet HTML 3Page - Suntan Capacitors BZX55C20 Datasheet HTML 4Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Suntan®
BZX55C
Silicon Planar Zener Diodes
F E A T U R E S
The Zener voltages are graded according to the
international E24 standard. Other tolerances and
higher Zener voltages are upon request.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings Ta=25℃
Characteristics at Ta=25℃
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
PARAMETER
SYMBOL
VALUE
UNIT
Power Dissipation
Ptot
5001)
mW
Junction Temperature
Tj
175
Storage Temperature Range
Tstg
-55 to + 175
1) Valid provided that leads are kept at ambient temperature at a distance of 8mm from case.
PARAMETER
SYMBOL
MAX
UNIT
Thermal Resistance Junction to Ambient Air
RthA
0.31)
K/mW
Forward Voltage at IF = 100 mA
VF
1
V
1)
Valid provided that leads are kept at ambient temperature at a distance of 8mm from case.
Glass Case DO-35
Dimensions in mm
Glass Case DO-34
Dimensions in mm


Podobny numer części - BZX55C20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Continental Device Indi...
BZX55C20 CDIL-BZX55C20 Datasheet
104Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX55C20 VISHAY-BZX55C20 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
First Components Intern...
BZX55C20 FCI-BZX55C20 Datasheet
114Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 91V)
logo
Zibo Seno Electronic En...
BZX55C20 ZSELEC-BZX55C20 Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Shenzhen Luguang Electr...
BZX55C20 LUGUANG-BZX55C20 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Podobny opis - BZX55C20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
408-6775 MACOM-408-6775 Datasheet
652Kb / 4P
   Install dies according to the instructions packaged with the tooling.
logo
List of Unclassifed Man...
SCT62 ETC2-SCT62 Datasheet
101Kb / 3P
   Dangerous voltages are present within the power supply. Disconnect power supply before servicing.
logo
STMicroelectronics
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
   The ST10F27x MCUs are derivatives of the STMicroelectronics
logo
Richtek Technology Corp...
RT8202 RICHTEK-RT8202 Datasheet
34Kb / 2P
   The ESD tests are used to classify the electrostatic discharge of microcircuits.
RT9025 RICHTEK-RT9025 Datasheet
34Kb / 2P
   The ESD tests are used to classify the electrostatic discharge of microcircuits.
logo
CITIZEN ELECTRONICS CO....
CL-L102 CITIZEN-CL-L102 Datasheet
189Kb / 3P
   The light-emitting element of an LED radiates light and heat according to the input power.
logo
Emerson Network Power
HPR12K-00 EMERSON-NETWORKPOWER-HPR12K-00 Datasheet
891Kb / 6P
   Connecting the input power cable, output load cable and communication wire according to the below figure.
logo
STMicroelectronics
AN2021 STMICROELECTRONICS-AN2021 Datasheet
880Kb / 39P
   The ST10F272B and ST10F272E are members of the STMicroelectronics
logo
Shoulder Electronics Li...
49S-49S2 SHOULDER-49S-49S2 Datasheet
194Kb / 6P
   Packing method may be changed. Please according to the delivered goods.
logo
PHOENIX CONTACT
SF-ASD-21 PHOENIX-SF-ASD-21 Datasheet
50Kb / 3P
   Integrated LEDs are used to illuminate the working area
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com