Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSL-0603UR000MTH Arkusz danych(PDF) 1 Page - Suntan Capacitors

Numer części TSL-0603UR000MTH
Szczegółowy opis  Meterial: Red-AIGaInP (Water Clear)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNTAN [Suntan Capacitors]
Strona internetowa  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSL-0603UR000MTH Arkusz danych(HTML) 1 Page - Suntan Capacitors

  TSL-0603UR000MTH Datasheet HTML 1Page - Suntan Capacitors TSL-0603UR000MTH Datasheet HTML 2Page - Suntan Capacitors TSL-0603UR000MTH Datasheet HTML 3Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD TYPE LED
Suntan®
TSL-0603UR000MTH
F E A T U R E S
Meterial: Red-AIGaInP (Water Clear)
Wide Viewing Angle 120o
Reflow Solderable
High Luminous Intensity and Low Power Dissipation
Good Reliability and Long Life
Complied With RoHS Directive
A P P L I C A T I O N S
Optical indicator
Indoor display
Backlighting in dashboard and switch
Flat Backlighting for LCD, symbol and display
General use
T E C H N I C A L D A T A S H E E T
This product is generally used as indicator and luminary for electronic equipment such as household appliance, communication
quipment and dashboard.
e
Notes:
1.
All dimension units are millimeters.
2.
All dimension tolerance is ±0.2mm unless otherwise noted.
Selection Guide
Luminous intensity (mcd) @ 20mA
Viewing Angle
Dice
Lens Type
Min
Typ
Max
2Ø1/2
Red
(AIGaInP)
Water Clear
40
100
200
120
Note:
1.
1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2.
The above luminous intensity measurement allowance tolerance ±10%
Electrical / Optical Characteristics at Ta=25℃
Parameter
Symbol
Min.
Typ.
Max
Units
Test conditions
Forward Voltage
VF
1.8
2.0
2.4
V
IF=20mA
Reverse Current
IR
--
--
10
uA
VR=5V
Dominate Wavelength
λd
620
--
635
nm
IF=20mA
Absolute Maximum Ratings at Ta=25℃
Parameter
Symbol
Rating
Units
Power Dissipation
Pd
100
mW
DC Forward Current
IF
25
mA
Peak Forward Current 【1】
IFP
100
mA
Reverse Voltage
VR
5
V
Electrostatic Discharge (HBM)
ESD
±2000
V
Operating Temperature
Topr
-30~+85
Storage Temperature
Tstg
-40~+100
Note:
1.
1/10 Dut cycle, 0.1ms pulse width.
2.
The above forward voltage measure ment allowance tolerance ±0.1V.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Podobny numer części - TSL-0603UR000MTH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Suntan Capacitors
TSL-0603UB000MTH SUNTAN-TSL-0603UB000MTH Datasheet
477Kb / 3P
   Reflow Solderable
TSL-0603UG000MTH SUNTAN-TSL-0603UG000MTH Datasheet
478Kb / 3P
   Reflow Solderable
TSL-0603UW000MTH SUNTAN-TSL-0603UW000MTH Datasheet
375Kb / 3P
   Reflow Solderable
TSL-0603UY000MTH SUNTAN-TSL-0603UY000MTH Datasheet
481Kb / 3P
   Reflow Solderable
TSL-0603UYG00MTH SUNTAN-TSL-0603UYG00MTH Datasheet
483Kb / 3P
   Reflow Solderable
More results

Podobny opis - TSL-0603UR000MTH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SSL-LXA223IC ETC2-SSL-LXA223IC Datasheet
44Kb / 1P
   AXIA LED RED WATER CLEAR
logo
A-BRIGHT Inc
AL-01T7IR1WC-A30 A-BRIGHT-AL-01T7IR1WC-A30 Datasheet
329Kb / 4P
   Water Clear
logo
NTE Electronics
NTE3000 NTE-NTE3000_1 Datasheet
26Kb / 2P
   Light Emitting Diode Water Clear, High Efficiency Red
logo
STANLEY ELECTRIC CO.,LT...
VFHV1104P-4C62B-TR STANLEY-VFHV1104P-4C62B-TR Datasheet
691Kb / 21P
   1608 Size, water clear lens, Emitting color : Red
VFHR1104P-4C42A-TR STANLEY-VFHR1104P-4C42A-TR Datasheet
681Kb / 21P
   1608 Size, water clear lens, Emitting color : Red
logo
LUMEX INC.
SSP-01TWB6UWB12 LUMEX-SSP-01TWB6UWB12 Datasheet
45Kb / 1P
   LED MINIATURE WEDGE BASE LAMP, RED, WATER CLEAR LENS
SML-LXFP0603SICATR LUMEX-SML-LXFP0603SICATR Datasheet
102Kb / 2P
   1.6x0.8x0.2mm ULTRA THIN SMT LED, RED, WATER CLEAR LENS
SSL-LX100133XRC-3 LUMEX-SSL-LX100133XRC-3 Datasheet
395Kb / 1P
   T-10mm LED, SUPER BRIGHT RED, WATER CLEAR LENS
SML-LXFP0603SIC-TR LUMEX-SML-LXFP0603SIC-TR Datasheet
89Kb / 2P
   1.6x0.8x0.2mm ULTRA THIN SMT LED, RED, WATER CLEAR LENS
SSL-LX100133XRC LUMEX-SSL-LX100133XRC Datasheet
114Kb / 1P
   T-10mm LED, SUPER BRIGHT RED, WATER CLEAR LENS
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com