Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC14071EVAL Arkusz danych(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części ADC14071EVAL
Szczegółowy opis  14-Bit, 7 MSPS, 380 mW A/D Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14071EVAL Arkusz danych(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC14071EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC14071EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC14071EVAL Datasheet HTML 9Page - National Semiconductor (TI) ADC14071EVAL Datasheet HTML 10Page - National Semiconductor (TI) ADC14071EVAL Datasheet HTML 11Page - National Semiconductor (TI) ADC14071EVAL Datasheet HTML 12Page - National Semiconductor (TI) ADC14071EVAL Datasheet HTML 13Page - National Semiconductor (TI) ADC14071EVAL Datasheet HTML 14Page - National Semiconductor (TI) ADC14071EVAL Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Specification Definitions (Continued)
Distortion or SINAD. ENOB is defined as (SINAD -
1.76)/6.02 and says that the converter is equivalent to a per-
fect ADC of this (ENOB) number of bits.
FULL POWER BANDWIDTH is a measure of the frequency
at which the reconstructed output fundamental drops 3 dB
below its low frequency value for a full scale input. The test
is performed with f
IN equal to 100 kHz plus integer multiples
of f
CLK. The input frequency at which the output is −3 dB
relative to the low frequency input signal is the full power
bandwidth.
INTERMODULATION DISTORTION (IMD) is the creation of
additional spectral components as a result of two sinusoidal
frequencies being applied to the ADC input at the same time.
It is defined as the ratio of the power in the intermodulation
products to the total power in the original frequencies. IMD is
usually expressed in dB.
INTEGRAL NON-LINEARITY (INL) is a measure of the de-
viation of each individual code from a line drawn from nega-
tive full scale (12 LSB below the first code transition) through
positive full scale (the last code transition). The deviation of
any given code from this straight line is measured from the
center of that code value.
NEGATIVE FULL SCALE ERROR is the measure of how far
the last code transition is from the ideal of 12LSB above
nominal negative full scale. It is the difference between the
input voltage (V
IN+ −VIN−) just causing a transition to the first
code and the ideal voltage to cause that transition. The ideal
LSB transition (when it should occur) is (V
IN+)−(VIN−) =
1
2LSB
OFFSET ERROR is the difference between the ideal and ac-
tual voltages that cause a transition to mid-scale (a code of
8192) when approached from a lower code. The ideal LSB
transition (when it should occur) is (V
IN+)−(VIN−) = 0
PIPELINE DELAY (LATENCY) is the number of clock cycles
between initiation of conversion and the availability of that
same conversion result at the output. New data is available
at every clock cycle, but the data lags the conversion by the
pipeline delay.
POSITIVE FULL SCALE ERROR is a measure of how far
the last code transition is from the ideal of 112LSB below
nominal positive full scale. It is the difference beween the in-
put voltage (V
IN+ −VIN−) just causing a transition to positive
full scale and V
REF −1
1
2LSB. Full Scalse Error is sometimes
called Full Scale Offset Error.
SIGNAL TO NOISE RATIO (SNR) is the ratio, expressed in
dB, of the rms value of the input signal to the rms value of the
sum of all other spectral components below one-half the
sampling frequency, not including harmonics or dc.
SIGNAL TO NOISE PLUS DISTORTION (S/N+D or SINAD)
is the ratio, expressed in dB, of the rms value of the input sig-
nal to the rms value of all of the other spectral components
below half the clock frequency, including harmonics but ex-
cluding dc.
SPURIOUS FREE DYNAMIC RANGE (SFDR) is the differ-
ence, expressed in dB, between the rms values of the input
signal and the peak spurious signal, where a spurious signal
is any signal present in the output spectrum that is not
present at the input.
TOTAL HARMONIC DISTORTION (THD) is the ratio, ex-
pressed in dB or dBc, of the rms total of the first nine har-
monic components to the rms value of the input signal.
Timing Diagram
DS101101-23
Output Timing
www.national.com
11


Podobny numer części - ADC14071EVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC14061 NSC-ADC14061 Datasheet
471Kb / 20P
   Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC14061CCVT NSC-ADC14061CCVT Datasheet
471Kb / 20P
   Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
More results

Podobny opis - ADC14071EVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L040 TI1-ADC14L040_14 Datasheet
813Kb / 33P
[Old version datasheet]   14-Bit, 40 MSPS, 235 mW A/D Converter
logo
National Semiconductor ...
ADC14L040 NSC-ADC14L040 Datasheet
909Kb / 23P
   14-Bit, 40 MSPS, 235 mW A/D Converter
ADC14061 NSC-ADC14061 Datasheet
471Kb / 20P
   Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
AD9444 AD-AD9444 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
AD9725 AD-AD9725 Datasheet
267Kb / 16P
   14-Bit, 600 MSPS D/A Converter
Rev. PrA
AD9444 AD-AD9444_17 Datasheet
999Kb / 41P
   14-Bit, 80 MSPS, A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com