Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4148 Arkusz danych(PDF) 1 Page - Nanjing International Group Co

Numer części 1N4148
Szczegółowy opis  Silicon Epitaxial Planar Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DGNJDZ [Nanjing International Group Co]
Strona internetowa  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

1N4148 Arkusz danych(HTML) 1 Page - Nanjing International Group Co

  1N4148 Datasheet HTML 1Page - Nanjing International Group Co 1N4148 Datasheet HTML 2Page - Nanjing International Group Co 1N4148 Datasheet HTML 3Page - Nanjing International Group Co 1N4148 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4148
Silicon Epitaxial Planar Switching Diode
Applications
• High-speed switching
This diode is also available in MiniMELF case
with the type designation LL4148
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRM
100
V
Reverse Voltage
VR
75
V
Average Rectified Forward Current
IF(AV)
200
mA
Non-repetitive Peak Forward Surge Current
at t = 1 s
at t = 1 ms
at t = 1 μs
IFSM
0.5
1
4
A
Power Dissipation
Ptot
500
1)
mW
Junction Temperature
Tj
200
O
C
Storage Temperature Range
Tstg
- 65 to + 200
O
C
1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
Max. 2.9
Max. 1.9
Glass Case DO-34
Max. 0.45
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
Dimensions in mm
Black
Black
Max. 3.9
Max. 1.9
Glass Case DO-35
Max. 0.5
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
Dimensions in mm
Black
Black


Podobny numer części - 1N4148

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
logo
Micro Commercial Compon...
1N4148 MCC-1N4148 Datasheet
239Kb / 4P
   Metalurgically Bonded Construction Low Current Leakage High Reliability
logo
Won-Top Electronics
1N4148 WTE-1N4148 Datasheet
42Kb / 4P
   FAST SWITCHING DIODE
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
logo
SEMTECH ELECTRONICS LTD...
1N4148 SEMTECH_ELEC-1N4148 Datasheet
256Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
More results

Podobny opis - 1N4148

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
DA221 ROHM-DA221 Datasheet
74Kb / 4P
   Switching diode Silicon epitaxial planar
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH Datasheet
131Kb / 2P
   Silicon Epitaxial Planar Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
   SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WTGH ZOWIE-1N4148WTGH Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Switching Diode
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Zibo Seno Electronic En...
1N914G ZSELEC-1N914G Datasheet
127Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N914W ZSELEC-1N914W Datasheet
148Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N4448 ZSELEC-1N4448 Datasheet
123Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1SS400 ZSELEC-1SS400 Datasheet
180Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
   Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com