Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3904 Arkusz danych(PDF) 2 Page - Nanjing International Group Co

Numer części 2N3904
Szczegółowy opis  NPN Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DGNJDZ [Nanjing International Group Co]
Strona internetowa  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2N3904 Arkusz danych(HTML) 2 Page - Nanjing International Group Co

  2N3904 Datasheet HTML 1Page - Nanjing International Group Co 2N3904 Datasheet HTML 2Page - Nanjing International Group Co 2N3904 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N3903 / 2N3904
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at VCE = 1 V, IC = 0.1 mA
at VCE = 1 V, IC = 1 mA
at VCE = 1 V, IC = 10 mA
at VCE = 1 V, IC = 50 mA
at VCE = 1 V, IC = 100 mA
2N3903
2N3904
2N3903
2N3904
2N3903
2N3904
2N3903
2N3904
2N3903
2N3904
hFE
hFE
hFE
hFE
hFE
hFE
hFE
hFE
hFE
hFE
20
40
35
70
50
100
30
60
15
30
-
-
-
-
150
300
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Collector Cutoff Current
at VCB = 30 V
ICBO
-
50
nA
Emitter Cutoff Current
at VEB = 6 V
IEBO
-
50
nA
Collector Base Breakdown Voltage
at IC = 10 µA
V(BR)CBO
60
-
V
Collector Emitter Breakdown Voltage
at IC = 1 mA
V(BR)CEO
40
-
V
Emitter Base Breakdown Voltage
at IE = 10 µA
V(BR)EBO
6
-
V
Collector Emitter Saturation Voltage
at IC = 10 mA, IB = 1 mA
at IC = 50 mA, IB = 5 mA
VCEsat
VCEsat
-
-
0.2
0.3
V
V
Base Emitter Saturation Voltage
at IC = 10 mA, IB = 1 mA
at IC = 50 mA, IB = 5 mA
VBEsat
VBEsat
-
-
0.85
0.95
V
V
Gain Bandwidth Product
at VCE = 20 V, IC = 10 mA, f = 100 MHz
2N3903
2N3904
fT
fT
250
300
-
-
MHz
MHz
Collector Base Capacitance
at VCB = 5 V, f = 100 KHz
Ccb
-
4
pF
Emitter Base Capacitance
at VEB = 0.5 V, f = 100 KHz
Ceb
-
8
pF
Thermal Resistance Junction to Ambient
RthA
-
250
1)
K/W
1) Valid provided that leads are kept at ambient temperature at a distance of 2 mm from case


Podobny numer części - 2N3904

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
KEC(Korea Electronics)
2N3904 KEC-2N3904 Datasheet
56Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR
logo
Continental Device Indi...
2N3904 CDIL-2N3904 Datasheet
360Kb / 5P
   NPN SILICON PLANAR EPITAXIAL SWITCHING TRANSISTORS
logo
AUK corp
2N3904 AUK-2N3904 Datasheet
52Kb / 3P
   NPN Silicon Transistor (General small signal application)
logo
List of Unclassifed Man...
2N3904 ETC-2N3904 Datasheet
209Kb / 3P
   NPN Transistor TO-92
17/09/19 V1.0
More results

Podobny opis - 2N3904

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com