Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC848C Arkusz danych(PDF) 1 Page - Olitech Electronics Co.Ltd

Numer części BC848C
Szczegółowy opis  Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OLITECH [Olitech Electronics Co.Ltd]
Strona internetowa  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

BC848C Arkusz danych(HTML) 1 Page - Olitech Electronics Co.Ltd

  BC848C Datasheet HTML 1Page - Olitech Electronics Co.Ltd BC848C Datasheet HTML 2Page - Olitech Electronics Co.Ltd BC848C Datasheet HTML 3Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page:P3-P1
Plastic-Encapsulate Transistors
FEATURES
For general AF applications
High collector current
High current gain
Low collector-emitter saturation voltage
Marking
BC846A
BC846B
BC847A
BC847B
1A
1B
1E
1F
BC847C
BC848A
BC848B
BC848C
1G
1J
1K
1L
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
BC846
V
CBO
80
V
BC847
V
CBO
50
BC848
V
CBO
30
Collector-Emitter Voltage
BC846
V
CEO
65
V
BC847
V
CEO
45
BC848
V
CEO
30
Emitter-Base Voltage
V
EBO
6
V
Collector Current -Continuous
I
C
-0.1
A
Collector Power Dissipation
PC
0.2
W
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
(NPN)
(NPN)
(NPN)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
BC846A/B
BC847A/B/C
BC848A/B/C
Email: info@olitech-elec.com
Website: www.olitech-elec.com
OLITECH ELECTRONICS CO. LTD.


Podobny numer części - BC848C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transys Electronics
BC848C TRSYS-BC848C Datasheet
371Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
DONGGUAN YOU FENG WEI E...
BC848C YFWDIODE-BC848C Datasheet
704Kb / 4P
   NPN Transistors
logo
Pan Jit International I...
BC848C PANJIT-BC848C Datasheet
504Kb / 6P
   NPN GENERAL PURPOSE TRANSISTORS
logo
Guangdong Kexin Industr...
BC848C KEXIN-BC848C Datasheet
1Mb / 3P
   NPN Transistors
logo
Zowie Technology Corpor...
BC848C ZOWIE-BC848C Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
More results

Podobny opis - BC848C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
   PLASTIC ENCAPSULATE TRANSISTORS
logo
GUANGDONG HOTTECH INDUS...
2SC4672 HOTTECH-2SC4672 Datasheet
175Kb / 2P
   Plastic-Encapsulate Transistors
2SB1260 HOTTECH-2SB1260 Datasheet
173Kb / 2P
   Plastic-Encapsulate Transistors
A44 HOTTECH-A44 Datasheet
304Kb / 2P
   Plastic-Encapsulate Transistors
BAS21 HOTTECH-BAS21 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SA812 HOTTECH-2SA812 Datasheet
306Kb / 2P
   Plastic-Encapsulate Transistors
MMBT5401 HOTTECH-MMBT5401 Datasheet
191Kb / 2P
   Plastic-Encapsulate Transistors
MMBTA05 HOTTECH-MMBTA05 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
MMST2907A HOTTECH-MMST2907A Datasheet
202Kb / 2P
   Plastic-Encapsulate Transistors
MMST3906 HOTTECH-MMST3906 Datasheet
339Kb / 2P
   Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com