Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1120IRVAT Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1120IRVAT
Szczegółowy opis  Low-Power, Low-Noise, 16-Bit ADC for Small-Signal Sensors
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1120IRVAT Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS1120IRVAT Datasheet HTML 2Page - Texas Instruments ADS1120IRVAT Datasheet HTML 3Page - Texas Instruments ADS1120IRVAT Datasheet HTML 4Page - Texas Instruments ADS1120IRVAT Datasheet HTML 5Page - Texas Instruments ADS1120IRVAT Datasheet HTML 6Page - Texas Instruments ADS1120IRVAT Datasheet HTML 7Page - Texas Instruments ADS1120IRVAT Datasheet HTML 8Page - Texas Instruments ADS1120IRVAT Datasheet HTML 9Page - Texas Instruments ADS1120IRVAT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
ADS1120
SBAS535B – AUGUST 2013 – REVISED JANUARY 2015
www.ti.com
6.5 Electrical Characteristics
Minimum and maximum specifications apply from TA = –40°C to +125°C. Typical specifications are at TA = 25°C.
All specifications are at AVDD = 3.3 V, AVSS = 0 V, DVDD = 3.3 V, PGA enabled, DR = 20 SPS, and external Vref = 2.5 V
(unless otherwise noted).
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Absolute input current
See the Typical Characteristics
Differential input current
See the Typical Characteristics
SYSTEM PERFORMANCE
Resolution (no missing codes)
16
Bits
Normal mode
20, 45, 90, 175, 330, 600, 1000
SPS
DR
Data rate
Duty-cycle mode
5, 11.25, 22.5, 44, 82.5, 150, 250
SPS
Turbo mode
40, 90, 180, 350, 660, 1200, 2000
SPS
Noise (input-referred)
See the Noise Performance section
INL
Integral nonlinearity
Gain = 1 to 128, VCM = 0.5 AVDD, best fit
(2)
8
20
ppmFSR
PGA disabled, gain = 1 to 4, differential inputs
±4
µV
VIO
Input offset voltage
Gain = 1 to 128, differential inputs
±4
µV
PGA disabled, gain = 1 to 4
0.25
µV/°C
Offset drift
Gain = 1 to 128, TA = –40°C to +85°C
(2)
0.08
0.3
µV/°C
Gain = 1 to 128
0.25
µV/°C
PGA disabled, gain = 1 to 4
±0.015%
Gain error
Gain = 1 to 128, TA = 25°C
–0.1%
±0.015%
0.1%
PGA disabled, gain = 1 to 4
1
ppm/°C
Gain drift
Gain = 1 to 128(2)
1
4
ppm/°C
50 Hz ±3%, DR = 20 SPS, external CLK,
105
dB
50/60 bit = 10
60 Hz ±3%, DR = 20 SPS, external CLK,
NMRR
Normal-mode rejection ratio(2)
105
dB
50/60 bit = 11
50 Hz or 60 Hz ±3%, DR = 20 SPS,
90
dB
external CLK, 50/60 bit = 01
At dc, gain = 1
90
105
dB
CMRR
Common-mode rejection ratio
f(CM) = 50 Hz, DR = 2000 SPS
(2)
95
115
dB
f(CM) = 60 Hz, DR = 2000 SPS
(2)
95
115
dB
AVDD at dc, VCM = 0.5 AVDD, gain = 1
80
105
dB
PSRR
Power-supply rejection ratio
DVDD at dc, VCM = 0.5 AVDD, gain = 1
(2)
100
115
dB
INTERNAL VOLTAGE REFERENCE
Initial accuracy
TA = 25°C
2.045
2.048
2.051
V
Reference drift(2)
5
40
ppm/°C
Long-term drift
1000 hours
110
ppm
VOLTAGE REFERENCE INPUTS
Reference input current
REFP0 = Vref, REFN0 = AVSS
±10
nA
INTERNAL OSCILLATOR
Internal oscillator accuracy
Normal mode
–2%
±1%
2%
(1)
PGA disabled means the low-noise PGA is powered down and bypassed. Gains of 1, 2, and 4 are still possible in this case.
See the Bypassing the PGA section for more information.
(2)
Minimum and maximum values are ensured by design and characterization data.
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: ADS1120


Podobny numer części - ADS1120IRVAT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1120IRVAT TI1-ADS1120IRVAT Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IRVAT TI1-ADS1120IRVAT Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
More results

Podobny opis - ADS1120IRVAT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1220 TI1-ADS1220_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
ADS1120 TI1-ADS1120_14 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI-ADS1220 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI1-ADS1220_14 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
logo
Linear Technology
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2217 LINER-LTC2217 Datasheet
1Mb / 32P
   16-Bit, 105Msps Low Noise ADC
LTC2217 LINER-LTC2217_15 Datasheet
1Mb / 32P
   16-Bit, 105Msps Low Noise ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com