Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC34J23 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC34J23
Szczegółowy opis  Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC34J23 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADC34J23 Datasheet HTML 5Page - Texas Instruments ADC34J23 Datasheet HTML 6Page - Texas Instruments ADC34J23 Datasheet HTML 7Page - Texas Instruments ADC34J23 Datasheet HTML 8Page - Texas Instruments ADC34J23 Datasheet HTML 9Page - Texas Instruments ADC34J23 Datasheet HTML 10Page - Texas Instruments ADC34J23 Datasheet HTML 11Page - Texas Instruments ADC34J23 Datasheet HTML 12Page - Texas Instruments ADC34J23 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
ADC34J22, ADC34J23, ADC34J24, ADC34J25
www.ti.com
SBAS669A – MAY 2014 – REVISED JANUARY 2015
7.9 AC Performance: ADC34J25
Typical values are at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 160 MSPS,
50% clock duty cycle, AVDD = DVDD = 1.8 V, and –1-dBFS differential input, unless otherwise noted.
ADC34J25 (fS = 160 MSPS)
DITHER ON
DITHER OFF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
DYNAMIC AC CHARACTERISTICS
fIN = 10 MHz
70.2
70.4
fIN = 70 MHz
68.5
69.6
69.9
SNR
Signal-to-noise ratio
fIN = 100 MHz
69.3
69.6
dBFS
fIN = 170 MHz
68.4
68.9
fIN = 230 MHz
67.5
68.1
fIN = 10 MHz
149.2
149.4
fIN = 70 MHz
147.5
148.6
148.9
Noise spectral density
NSD
fIN = 100 MHz
148.3
148.6
dBFS/Hz
(averaged across Nyquist zone)
fIN = 170 MHz
147.4
147.9
fIN = 230 MHz
146.5
147.1
fIN = 10 MHz
70.1
70.3
fIN = 70 MHz
67.6
69.5
69.7
SINAD
Signal-to-noise and distortion ratio fIN = 100 MHz
69.2
69.4
dBFS
fIN = 170 MHz
68.2
68.6
fIN = 230 MHz
67.2
67.5
fIN = 10 MHz
11.4
11.4
fIN = 70 MHz
10.9
11.3
11.3
ENOB
Effective number of bits
fIN = 100 MHz
11.2
11.3
Bits
fIN = 170 MHz
11.1
11.1
fIN = 230 MHz
10.9
10.9
fIN = 10 MHz
85
86
fIN = 70 MHz
81
86
85
SFDR
Spurious-free dynamic range
fIN = 100 MHz
86
87
dBc
fIN = 170 MHz
85
84
fIN = 230 MHz
81
80
fIN = 10 MHz
91
92
fIN = 70 MHz
81
94
93
HD2
Second harmonic distortion
fIN = 100 MHz
93
91
dBc
fIN = 170 MHz
83
83
fIN = 230 MHz
81
79
fIN = 10 MHz
85
86
fIN = 70 MHz
81
85
85
HD3
Third harmonic distortion
fIN = 100 MHz
86
87
dBc
fIN = 170 MHz
93
87
fIN = 230 MHz
85
82
fIN = 10 MHz
98
94
fIN = 70 MHz
87
97
94
Non
Spurious-free dynamic range
fIN = 100 MHz
96
93
dBc
HD2, HD3
(excluding HD2, HD3)
fIN = 170 MHz
92
92
fIN = 230 MHz
90
89
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC34J22 ADC34J23 ADC34J24 ADC34J25


Podobny numer części - ADC34J23

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC34J2X TI1-ADC34J2X Datasheet
6Mb / 88P
[Old version datasheet]   The ADC34J2x are a high-linearity
More results

Podobny opis - ADC34J23

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC3421 TI1-ADC3421 Datasheet
3Mb / 79P
[Old version datasheet]   Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
ADC32J22 TI-ADC32J22_15 Datasheet
3Mb / 85P
[Old version datasheet]   ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADC16DV160 TI1-ADC16DV160_15 Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
ADC34J42 TI1-ADC34J42 Datasheet
6Mb / 90P
[Old version datasheet]   ADC34J4x Quad-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with a JESD204B Interface
ADS42JB46 TI1-ADS42JB46 Datasheet
3Mb / 63P
[Old version datasheet]   Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com