Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS35P05G Arkusz danych(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Numer części TS35P05G
Szczegółowy opis  35A, 600V - 1000V Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS35P05G Arkusz danych(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS35P05G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS35P05G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS35P05G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS35P05G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
29.70
30.30
1.169
1.193
B
2.30
2.70
0.091
0.106
C
2.00
2.40
0.079
0.094
D
0.90
1.10
0.035
0.043
E
9.80
10.20
0.386
0.402
F
7.30
7.70
0.287
0.303
G
19.70
20.30
0.776
0.799
H
-
4.80
-
0.189
I
3.80
4.20
0.150
0.165
J
17.00
18.00
0.669
0.709
K
4.40
4.80
0.173
0.189
L
3.40
3.80
0.134
0.150
M
10.80
11.20
0.425
0.441
N
3.10
3.40
0.122
0.134
O
2.50
2.90
0.098
0.114
P
0.65
0.75
0.026
0.030
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number: DS_D141107
Version: D15
MARKING DIAGRAM
TS35P05G - TS35P07G
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit(mm)
Unit(inch)
TS-6P
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p


Podobny numer części - TS35P05G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS35P05G TSC-TS35P05G Datasheet
226Kb / 3P
   Single Phase 35.0 AMPS Glass Passivated Bridge Rectifiers
TS35P05G TSC-TS35P05G Datasheet
245Kb / 4P
   Glass Passivated Bridge Rectifiers
TS35P05G TSC-TS35P05G_14 Datasheet
245Kb / 4P
   Glass Passivated Bridge Rectifiers
More results

Podobny opis - TS35P05G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
MBS6-K TSC-MBS6-K Datasheet
208Kb / 4P
   0.8A, 600V - 1000V Glass Passivated Bridge Rectifiers
ABS15J TSC-ABS15J_15 Datasheet
244Kb / 4P
   1.5A, 600V - 1000V Glass Passivated Bridge Rectifiers
TS50P05G TSC-TS50P05G_16 Datasheet
210Kb / 4P
   50A, 600V - 1000V Glass Passivated Bridge Rectifiers
MBS6-T TSC-MBS6-T Datasheet
208Kb / 4P
   0.8A, 600V - 1000V Glass Passivated Bridge Rectifiers
TS40P05G TSC-TS40P05G_16 Datasheet
224Kb / 4P
   40A, 600V - 1000V Glass Passivated Bridge Rectifiers
TS10KL60 TSC-TS10KL60_16 Datasheet
188Kb / 4P
   10A, 600V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
3A60 TSC-3A60 Datasheet
176Kb / 4P
   3A, 600V - 1000V Glass Passivated Rectifiers
UR4KB60-B TSC-UR4KB60-B Datasheet
309Kb / 6P
   4A, 600V - 1000V Glass Passivated Bridge Rectifier
logo
SeCoS Halbleitertechnol...
MB205 SECOS-MB205 Datasheet
248Kb / 2P
   Voltage 600V ~ 1000V 2.0 Amp Glass Passivated Bridge Rectifiers Diodes
logo
Taiwan Semiconductor Co...
TS10B01G TSC-TS10B01G_16 Datasheet
194Kb / 4P
   10A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com