Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

W007 Arkusz danych(PDF) 1 Page - Nanjing International Group Co

Numer części W007
Szczegółowy opis  SINGLE PHASE 1.0AMPBRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DGNJDZ [Nanjing International Group Co]
Strona internetowa  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

W007 Arkusz danych(HTML) 1 Page - Nanjing International Group Co

  W007 Datasheet HTML 1Page - Nanjing International Group Co W007 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 1.0AMPBRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating25Cambienttemperatureuniessotherwiesspecified.
Singlephasehalfwave,60Hz,resistiveorinductiveload.
Forcapacitiveload,deratecurrentby20%.
TYPE NUMBER
MaximumRecurrentPeakReverseVoltage
MaximumRMSVoltage
MaximumDCBlockingVoltage
MaximumAverageForwardRectifiedCurrent
.375"(9.5mm)LeadLengthatTa=25C
Dimensions ininchesand(millimeters)
FEATURES
PeakForward SurgeCurrent,8.3mssinglehalfsine-wave
superimposedonratedload(JEDECmethod)
MaximumForwardVoltageDropperBridgeElementat1.0AD.C.
MaximumDCReverseCurrent
Ta=25C
atRatedDCBlockingVoltage
Ta=100C
StorageTemperatureRange,TSTG
OperatingTemperatureRange,Tj
W005
W01
W02
W04
W06
W0 8
W10
UNITS
50
100
200
400
600
800
1000V
50
100
200
400
600
800
1000V
35
70
140
280
420
560
700
1.0
35
10
500
-65
+150
-65
+125
V
A
A
V
µA
µA
C
C
*Idealforprintedcircuitboard
*Lowforwardvoltage
*Polarity:markedonbody
*Mountingposition:Any
*Weight:1.20grams
W005
W10
THRU
1.0
VOLTAGE RANGE
50to1000Volts
CURRENT
1.0Ampere
WOM
.220(5.6)
.180(4.6)
.220(5.6)
.180(4.6)
1.0
(25.4)
MIN.
1.2
(30.5)
MIN.
.358
(9.1)
MAX.
.217(5.5)
.197(5.0)
.032(0.8)
.030(0.7)
POS.
LEAD
*Lowleakagecurrent
*BothnormalandPbfreeproductareavailable:
*Normal:80~95%Sn,5~20%Pb
*Pbfree:99SnabovecanmeetRohsenviromentsubstance
directiverequest


Podobny numer części - W007

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Olitech Electronics Co....
W007M OLITECH-W007M Datasheet
411Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results

Podobny opis - W007

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
DF005M COMCHIP-DF005M Datasheet
41Kb / 2P
   Single-Phase Bridge Rectifiers
logo
Sirectifier Semiconduct...
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
S1PDB50NXX SIRECTIFIER-S1PDB50NXX Datasheet
206Kb / 3P
   Single Phase Bridge Rectifiers
S1PDB50005 SIRECTIFIER-S1PDB50005 Datasheet
188Kb / 3P
   Single Phase Bridge Rectifiers
logo
Nanjing International G...
KBPC15005W DGNJDZ-KBPC15005W Datasheet
396Kb / 2P
   SINGLE PHASE BRIDGE RECTIFIERS
logo
KEC(Korea Electronics)
DF06S KEC-DF06S_15 Datasheet
713Kb / 2P
   Single-Phase Bridge Rectifiers
logo
SUNMATE electronic Co.,...
KBJ401 SUNMATE-KBJ401 Datasheet
278Kb / 2P
   SINGLE PHASE BRIDGE RECTIFIERS
logo
General Semiconductor
KBU6A GE-KBU6A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIERS
logo
Sirectifier Semiconduct...
GBPC25005 SIRECTIFIER-GBPC25005 Datasheet
70Kb / 2P
   Single Phase Bridge Rectifiers
GBJ15005 SIRECTIFIER-GBJ15005 Datasheet
60Kb / 2P
   Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com