Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4571BRZ-RL Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADA4571BRZ-RL
Szczegółowy opis  Integrated AMR Angle Sensor and Signal Conditioner
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4571BRZ-RL Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADA4571BRZ-RL Datasheet HTML 5Page - Analog Devices ADA4571BRZ-RL Datasheet HTML 6Page - Analog Devices ADA4571BRZ-RL Datasheet HTML 7Page - Analog Devices ADA4571BRZ-RL Datasheet HTML 8Page - Analog Devices ADA4571BRZ-RL Datasheet HTML 9Page - Analog Devices ADA4571BRZ-RL Datasheet HTML 10Page - Analog Devices ADA4571BRZ-RL Datasheet HTML 11Page - Analog Devices ADA4571BRZ-RL Datasheet HTML 12Page - Analog Devices ADA4571BRZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
ADA4571
Rev. 0 | Page 9 of 21
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Raw Output Waveforms, VDD = 5 V, GC = On, T = 25°C
Figure 4. Error Waveform After Offset Correction, VDD = 5 V, GC = On
Figure 5. Dynamic Angular Error, VDD = 5.5 V, GC = On
Figure 6. Dynamic Angular Error, VDD = 5.5 V, GC = Off
Figure 7. Dynamic Angular Error, VDD = 2.7 V, GC = On
Figure 8. Dynamic Angular Error, VDD = 2.7 V, GC = Off
0
1
2
3
4
5
0
90
180
270
360
RELATIVE MECHANICAL ANGLE (Degrees)
–0.2
–0.1
0
0.1
0.2
0
90
180
270
360
MECHANICAL ANGLE (Degrees)
0
5
10
15
20
25
30
35
40
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
DYNAMIC ANGULAR ERROR (Degrees)
–40°C
+25°C
+125°C
+150°C
0
5
10
15
20
25
30
35
40
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
DYNAMIC ANGULAR ERROR (Degrees)
–40°C
+25°C
+125°C
+150°C
0
5
10
15
20
25
30
35
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
DYNAMIC ANGULAR ERROR (Degrees)
–40°C
+25°C
+125°C
+150°C
0
5
10
15
20
25
30
35
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
DYNAMIC ANGULAR ERROR (Degrees)
–40°C
+25°C
+125°C
+150°C


Podobny numer części - ADA4571BRZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4571 AD-ADA4571 Datasheet
847Kb / 13P
   Customer supplied 6 V to 12 V bench supply
ADA4571-2 AD-ADA4571-2 Datasheet
258Kb / 13P
   Integrated AMR Angle Sensor and Signal Conditioner
ADA4571-2 AD-ADA4571-2 Datasheet
443Kb / 9P
   Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
Rev. 0
ADA4571-2WHRZ-RL AD-ADA4571-2WHRZ-RL Datasheet
258Kb / 13P
   Integrated AMR Angle Sensor and Signal Conditioner
ADA4571R-EBZ AD-ADA4571R-EBZ Datasheet
847Kb / 13P
   Customer supplied 6 V to 12 V bench supply
More results

Podobny opis - ADA4571BRZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4571-2 AD-ADA4571-2 Datasheet
258Kb / 13P
   Integrated AMR Angle Sensor and Signal Conditioner
ADA4570 AD-ADA4570 Datasheet
1Mb / 14P
   Integrated AMR Angle Sensor and Signal Conditioner with Differential Outputs
ADAF1080 AD-ADAF1080 Datasheet
1Mb / 36P
   Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
Rev. 0
EVAL-ADA4571-2 AD-EVAL-ADA4571-2 Datasheet
443Kb / 9P
   Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
Rev. 0
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
   AMR Angle Sensor
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
MultiDimension Technolo...
AMR3013P MULTIDIMENSION-AMR3013P Datasheet
643Kb / 4P
   AMR3013P AMR Angle Sensor
Ver. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com