Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL6010-EVALZ Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADL6010-EVALZ
Szczegółowy opis  Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADL6010-EVALZ Arkusz danych(HTML) 4 Page - Analog Devices

  ADL6010-EVALZ Datasheet HTML 1Page - Analog Devices ADL6010-EVALZ Datasheet HTML 2Page - Analog Devices ADL6010-EVALZ Datasheet HTML 3Page - Analog Devices ADL6010-EVALZ Datasheet HTML 4Page - Analog Devices ADL6010-EVALZ Datasheet HTML 5Page - Analog Devices ADL6010-EVALZ Datasheet HTML 6Page - Analog Devices ADL6010-EVALZ Datasheet HTML 7Page - Analog Devices ADL6010-EVALZ Datasheet HTML 8Page - Analog Devices ADL6010-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ADL6010
Data Sheet
Parameter
Test Conditions/Comments
Min
Typ1
Max
Unit
FREQUENCY = 10 GHz
Input RFIN to output VOUT
Detection Range
±1 dB Error
CW input
46
dB
Maximum Input Level, ±1 dB
Three point calibration at −28 dBm, −10 dBm, and +10 dBm
16
dBm
Minimum Input Level, ±1 dB
Three point calibration at −28 dBm, −10 dBm, and +10 dBm
−30
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C, PIN = 10 dBm
+0.2/−0.1
dB
−55°C < TA < +125°C, PIN = 10 dBm
+0.4/−0.2
dB
−40°C < TA < +85°C, PIN = −10 dBm
+0.2/−0.2
dB
−55°C < TA < +125°C, PIN = −10 dBm
+0.4/−0.4
dB
Slope
Calibration at −10 dBm and +10 dBm
2.1
V/VPEAK
Intercept
Calibration at −10 dBm and +10 dBm
0.6
V
Output Voltage
PIN = +10 dBm
2.1
V
PIN = −10 dBm
0.22
V
FREQUENCY = 15 GHz
Input RFIN to output VOUT
Detection Range
±1 dB Error
CW input
47
dB
Maximum Input Level, ±1 dB
Three point calibration at −28 dBm, −10 dBm, and +10 dBm
16
dBm
Minimum Input Level, ±1 dB
Three point calibration at −28 dBm, −10 dBm, and +10 dBm
−30
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C, PIN = +10 dBm
+0.2/−0.2
dB
−55°C < TA < +125°C, PIN = +10 dBm
+0.3/−0.3
dB
−40°C < TA < +85°C, PIN = −10 dBm
+0.2/−0.3
dB
−55°C < TA < +125°C, PIN = −10 dBm
+0.3/−0.6
dB
Slope
Calibration at −10 dBm and +10 dBm
2.1
V/VPEAK
Intercept
Calibration at −10 dBm and +10 dBm
0.6
V
Output Voltage
PIN = +10 dBm
2.1
V
PIN = −10 dBm
0.22
V
FREQUENCY = 20 GHz
Input RFIN to output VOUT
Detection Range
±1 dB Error
CW input
46
dB
Maximum Input Level, ±1 dB
Three point calibration at −28 dBm, −10 dBm, and +8 dBm
15
dBm
Minimum Input Level, ±1 dB
Three point calibration at −28 dBm, −10 dBm, and +8 dBm
−30
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C, PIN = +10 dBm
+0.2/−0.2
dB
−55°C < TA < +125°C, PIN = +10 dBm
+0.3/−0.4
dB
−40°C < TA < +85°C, PIN = −10 dBm
+0.2/−0.3
dB
−55°C < TA < +125°C, PIN = −10 dBm
+0.3/−0.6
dB
Slope
Calibration at −10 dBm and +8 dBm
2.2
V/VPEAK
Intercept
Calibration at −10 dBm and +8 dBm
0.55
V
Output Voltage
PIN = +10 dBm
2.3
V
PIN = −10 dBm
0.246
V
Rev. A | Page 4 of 22


Podobny numer części - ADL6010-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL6010-EVALZ AD-ADL6010-EVALZ Datasheet
457Kb / 10P
   Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
Rev. PrB
ADL6010-EVALZ AD-ADL6010-EVALZ Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
ADL6010-EVALZ AD-ADL6010-EVALZ Datasheet
1Mb / 23P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
More results

Podobny opis - ADL6010-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL6010 AD-ADL6010_17 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
ADL6010 AD-ADL6010_V01 Datasheet
1Mb / 23P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
ADL6010ACPZN-R2 AD-ADL6010ACPZN-R2 Datasheet
457Kb / 10P
   Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
Rev. PrB
logo
Texas Instruments
LMH2121 TI1-LMH2121 Datasheet
1Mb / 30P
[Old version datasheet]   3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2121TME TI-LMH2121TME Datasheet
1Mb / 30P
[Old version datasheet]   LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
logo
Analog Devices
ADL5910 AD-ADL5910 Datasheet
1Mb / 22P
   DC to 6 GHz, ??5 dB Envelope Threshold Detector/Trigger
ADL6012 AD-ADL6012_V01 Datasheet
703Kb / 24P
   2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
AD8312 AD-AD8312_15 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. A
AD8312 AD-AD8312_05 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. 0
ADL5506 AD-ADL5506 Datasheet
1Mb / 24P
   30 MHz to 4.5 GHz, 45 dB RF Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com