Zakładka z wyszukiwarką danych komponentów |
|
ADN2915ACPZ Arkusz danych(PDF) 6 Page - Analog Devices |
|
ADN2915ACPZ Arkusz danych(HTML) 6 Page - Analog Devices |
6 / 36 page ADN2915 Data Sheet Rev. A | Page 6 of 36 Parameter Test Conditions/Comments Min Typ Max Unit OC-48 600 Hz 1528 UI p-p 6 kHz 378 UI p-p 100 kHz 16.6 UI p-p 1 MHz 0.70 UI p-p 20 MHz 0.63 UI p-p OC-12 30 Hz 193 UI p-p 300 Hz 44 UI p-p 25 kHz 19.2 UI p-p 250 kHz 0.82 UI p-p 5 MHz 0.60 UI p-p OC-3 30 Hz 50.0 UI p-p 300 Hz 24.0 UI p-p 6500 Hz 14.4 UI p-p 65 kHz 0.80 UI p-p 1.3 MHz 0.61 UI p-p 1 Jitter transfer bandwidth is programmable by adjusting TRANBW[2:0] in the DPLLA register (0x10). 2 Set TRANBW[2:0] = 1 to enter OTN mode. OTN is the optical transport network as defined in ITU G.709. 3 Fibre Channel Physical Interface 4 standard, FC-P1-4, Rev 8.00, May 21, 2008. 4 Conditions of FC-P1-4, Rev 8.00, Table 27, 800-DF-EL-S apply. 5 Must have zero errors during the tests for an interval of time that is ≤10−12 BER to pass the tests. OUTPUT AND TIMING SPECIFICATIONS TA = TMIN to TMAX, VCC = VCCMIN to VCCMAX, VCC1 = VCC1MIN to VCC1MAX, VDD = VDDMIN to VDDMAX, VEE = 0 V, input data pattern: PRBS 223 − 1, ac-coupled to 100 Ω differential termination load, I2C register default settings, unless otherwise noted. Table 3. Parameter Test Conditions/Comments Min Typ Max Unit CML OUTPUT CHARACTERISTICS Data Differential Output Swing OC-192, DATA_SWING[3:0] setting = 0xC (default) 535 600 672 mV p-p OC-192, DATA_SWING[3:0] setting = 0xF (maximum) 668 724 771 mV p-p OC-192, DATA_SWING[3:0] setting = 0x4 (minimum) 189 219 252 mV p-p Clock Differential Output Swing OC-192, CLOCK_SWING[3:0] setting = 0xC (default) 406 508 570 mV p-p OC-192, CLOCK_SWING[3:0] setting = 0xF (maximum) 448 583 659 mV p-p OC-192, CLOCK_SWING[3:0] setting = 0x4 (minimum) 162 217 249 mV p-p Data Differential Output Swing 8GFC, DATA_SWING[3:0] setting = 0xC (default) 540 600 666 mV p-p 8GFC, DATA_SWING[3:0] setting = 0xF (maximum) 662 725 778 mV p-p 8GFC, DATA_SWING[3:0] setting = 0x4 (minimum 190 214 245 mV p-p Clock Differential Output Swing 8GFC, CLOCK_SWING[3:0] setting = 0xC (default) 426 518 588 mV p-p 8GFC, CLOCK_SWING[3:0] setting = 0xF (maximum) 489 603 680 mV p-p 8GFC, CLOCK_SWING[3:0] setting = 0x4 (minimum) 166 213 245 mV p-p Output High Voltage VOH, dc-coupled VCC − 0.05 VCC − 0.025 VCC V Output Low Voltage VOL, dc-coupled VCC − 0.36 VCC − 0.325 VCC − 0.29 V CML OUTPUT TIMING CHARACTERISTICS Rise Time 20% to 80%, at OC-192, DATOUTN/DATOUTP 17.4 32.6 46.5 ps 20% to 80%, at OC-192, CLKOUTN/CLKOUTP 22.2 28.3 33.1 ps 20% to 80%, at 8GFC,1 DATOUTN/DATOUTP 20.4 33.1 44 ps 20% to 80%, at 8GFC,1 CLKOUTN/CLKOUTP 23.1 29.7 35.8 ps Fall Time 80% to 20%, at OC-192, DATOUTN/DATOUTP 17.5 33 49.1 ps 20% to 80%, at OC-192, CLKOUTN/CLKOUTP 23.9 29.2 33.7 ps 80% to 20%, at 8GFC,1 DATOUTN/DATOUTP 23 34.2 46.8 ps 20% to 80%, at 8GFC,1 CLKOUTN/CLKOUTP 25 31.3 37.1 ps Setup Time, Full Rate Clock tS (see Figure 2) 0.5 UI Hold Time, Full Rate Clock tH (see Figure 2) 0.5 UI Setup Time, DDR Clock tS (see Figure 3) 0.5 UI Hold Time, DDR clock tH (see Figure 3) 0.5 UI |
Podobny numer części - ADN2915ACPZ |
|
Podobny opis - ADN2915ACPZ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |