Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7091R-5BRUZ Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7091R-5BRUZ
Szczegółowy opis  4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7091R-5BRUZ Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7091R-5BRUZ Datasheet HTML 6Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 7Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 8Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 9Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 10Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 11Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 12Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 13Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
AD7091R-5
Data Sheet
Rev. 0 | Page 10 of 34
0
–160
–140
–120
–100
–80
–60
–40
–20
FREQUENCY (Hz)
0
10000
8000
6000
4000
2000
VDD = VDRIVE = 3.3V
VREF = 2.5V EXTERNAL
TA = 25°C
fIN = 1kHz
fSAMPLE = 22.2kSPS
fSCL = 400kHz
SNR = 68.3dB
SINAD = 68.2dB
THD = –85.3dB
SFDR = –88.2dB
Figure 11. 10 kHz FFT, VDD = 3.0 V, VREF = 2.5 V External
0
–160
–140
–120
–100
–80
–60
–40
–20
FREQUENCY (Hz)
0
10000
8000
6000
4000
2000
VDD = VDRIVE = 3.3V
VREF = 2.5V INTERNAL
fIN = 1kHz
fSAMPLE = 22.2kSPS
fSCL = 400kHz
SNR = 68.4dB
SINAD = 68.2dB
THD = –83.3dB
SFDR = –87.9dB
Figure 12. 10 kHz FFT, VDD = 3.0 V, VREF = 2.5 V Internal
64
65
66
67
68
69
70
1
10
100
INPUT FREQUENCY (kHz)
VDD = 3.3V
VREF = 2.5V
SIGNAL AMPLITUDE = –0.5dB
fSCL = 400kHz
TA = 25°C
SNR
SINAD
Figure 13. SNR, SINAD vs. Input Frequency
66
REFERENCE INPUT VOLTAGE (V)
1.0
71
70
1.5
65
64
63
62
67
69
2.5
4.0
4.5
5.0
11.7
11.5
11.3
11.1
10.9
10.7
10.5
10.3
10.1
9.9
2.0
3.0
3.5
68
ENOB
SINAD
SNR
VDD = 3.0V
VREF = EXTERNAL
fSCL = 400kHz
fIN = 1kHz
SIGNAL AMPLITUDE = –0.5dB
TA = 25°C
Figure 14. SNR, SINAD, and ENOB vs. Reference Input Voltage
–90
–88
–86
–84
–82
–80
–78
–76
–74
–72
–70
1
10
100
ANALOG INPUT FREQUENCY (kHz)
VDD = 3.3V
VREF = 2.5V
SIGNAL AMPLITUDE = –0.5dB
fSCL = 400kHz
TA = 25°C
Figure 15. THD vs. Analog Input Frequency
70.0
69.5
69.0
68.5
68.0
67.5
67.0
66.5
66.0
INPUT LEVEL (dB)
VDD = 3.0V
VREF = 2.5V
fSCL = 400kHz
fIN = 1kHz
TA = 25°C
–10
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
Figure 16. SNR vs. Input Level


Podobny numer części - AD7091R-5BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7091R-5BRUZ AD-AD7091R-5BRUZ Datasheet
831Kb / 35P
   4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7091R-5BRUZ-RL7 AD-AD7091R-5BRUZ-RL7 Datasheet
831Kb / 35P
   4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
More results

Podobny opis - AD7091R-5BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7091R-5 AD-AD7091R-5_17 Datasheet
831Kb / 35P
   4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Analog Devices
AD7091RBRMZ AD-AD7091RBRMZ Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091R AD-AD7091R Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
AD7927 AD-AD7927 Datasheet
276Kb / 20P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com