Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7124-8BCPZ Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD7124-8BCPZ
Szczegółowy opis  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7124-8BCPZ Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD7124-8BCPZ Datasheet HTML 2Page - Analog Devices AD7124-8BCPZ Datasheet HTML 3Page - Analog Devices AD7124-8BCPZ Datasheet HTML 4Page - Analog Devices AD7124-8BCPZ Datasheet HTML 5Page - Analog Devices AD7124-8BCPZ Datasheet HTML 6Page - Analog Devices AD7124-8BCPZ Datasheet HTML 7Page - Analog Devices AD7124-8BCPZ Datasheet HTML 8Page - Analog Devices AD7124-8BCPZ Datasheet HTML 9Page - Analog Devices AD7124-8BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 91 page
background image
AD7124-8
Data Sheet
Rev. B | Page 6 of 91
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
Common-Mode Rejection7
At DC2
85
90
dB
AIN = 1 V, gain = 1
At DC
100
105
dB
AIN = 1 V/gain, gain 2 or 4
110
115
dB
AIN = 1 V/gain, gain ≥ 8
Sinc3, Sinc4 Filter2
At 50 Hz, 60 Hz
120
dB
10 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
At 50 Hz
120
dB
50 SPS, 50 Hz ± 1 Hz
At 60 Hz
120
dB
60 SPS, 60 Hz ± 1 Hz
Fast Settling Filters2
At 50 Hz
115
dB
First notch at 50 Hz, 50 Hz ± 1 Hz
At 60 Hz
115
dB
First notch at 60 Hz, 60 Hz ± 1 Hz
Post Filters2
At 50 Hz, 60 Hz
130
dB
20 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
130
dB
25 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
Normal Mode Rejection2
Sinc4 Filter
External Clock
At 50 Hz, 60 Hz
120
dB
10 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
82
dB
50 SPS, REJ608=1, 50 Hz ± 1 Hz,
60 Hz ± 1 Hz
At 50 Hz
120
dB
50 SPS, 50 Hz ± 1 Hz
At 60 Hz
120
dB
60 SPS, 60 Hz ± 1 Hz
Internal Clock
At 50 Hz, 60 Hz
98
dB
10 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
66
dB
50 SPS, REJ608 = 1, 50 Hz ± 1 Hz,
60 Hz ± 1 Hz
At 50 Hz
92
dB
50 SPS, 50 Hz ± 1 Hz
At 60 Hz
92
dB
60 SPS, 60 Hz ± 1 Hz
Sinc3 Filter
External Clock
At 50 Hz, 60 Hz
100
dB
10 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
66
dB
50 SPS, REJ608 = 1, 50 Hz ± 1 Hz,
60 Hz ± 1 Hz
At 50 Hz
100
dB
50 SPS, 50 Hz ± 1 Hz
At 60 Hz
100
dB
60 SPS, 60 Hz ± 1 Hz
Internal Clock
At 50 Hz, 60 Hz
73
dB
10 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
52
dB
50 SPS, REJ608 = 1, 50 Hz ± 1 Hz,
60 Hz ± 1 Hz
At 50 Hz
68
dB
50 SPS, 50 Hz ± 1 Hz
At 60 Hz
68
dB
60 SPS, 60 Hz ± 1 Hz
Fast Settling Filters
External Clock
At 50 Hz
40
dB
First notch at 50 Hz, 50 Hz ± 0.5 Hz
At 60 Hz
40
dB
First notch at 60 Hz, 60 Hz ± 0.5 Hz
Internal Clock
At 50 Hz
24.5
dB
First notch at 50 Hz, 50 Hz ± 0.5 Hz
At 60 Hz
24.5
dB
First notch at 60 Hz, 60 Hz ± 0.5 Hz
Post Filters
External Clock
At 50 Hz, 60 Hz
86
dB
20 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
62
dB
25 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
Internal Clock
At 50 Hz, 60 Hz
67
dB
20 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
50
dB
25 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz


Podobny numer części - AD7124-8BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7124-8BCPZ AD-AD7124-8BCPZ Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
AD7124-8BCPZ-RL AD-AD7124-8BCPZ-RL Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
AD7124-8BCPZ-RL7 AD-AD7124-8BCPZ-RL7 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
More results

Podobny opis - AD7124-8BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
logo
Maxim Integrated Produc...
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com