Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7091R-4BCPZ-RL7 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD7091R-4BCPZ-RL7
Szczegółowy opis  2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7091R-4BCPZ-RL7 Arkusz danych(HTML) 4 Page - Analog Devices

  AD7091R-4BCPZ-RL7 Datasheet HTML 1Page - Analog Devices AD7091R-4BCPZ-RL7 Datasheet HTML 2Page - Analog Devices AD7091R-4BCPZ-RL7 Datasheet HTML 3Page - Analog Devices AD7091R-4BCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD7091R-4BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7091R-4BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7091R-4BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7091R-4BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7091R-4BCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
AD7091R-2/AD7091R-4/AD7091R-8
Data Sheet
Rev. C | Page 4 of 42
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CONVERSION RATE
Conversion Time
600
ns
Transient Response
Full-scale step input
400
ns
Throughput Rate
1
MSPS
POWER REQUIREMENTS
VDD
2.7
5.25
V
VDRIVE
Specified performance
2.7
5.25
V
VDRIVE Range4
Functional
1.8
5.25
V
IDD
VIN = 0 V
Normal Mode—Static5
VDD = 5.25 V
22
50
µA
VDD = 3 V
21.6
46
µA
Normal Mode—Operational
VDD = 5.25 V, fSAMPLE = 1 MSPS
500
570
µA
VDD = 3 V, fSAMPLE = 1 MSPS
450
530
µA
Power-Down Mode
VDD = 5.25 V
0.550
17
µA
VDD = 5.25 V, TA = −40°C to +85°C
0.550
6
µA
VDD = 3 V
0.435
15
µA
IDRIVE
VIN = 0 V
Normal Mode—Static6
VDRIVE = 5.25 V
2
4
µA
VDRIVE = 3 V
1
3.5
µA
Normal Mode—Operational
VDRIVE = 5.25 V, fSAMPLE = 1 MSPS
30
70
µA
VDRIVE = 3 V, fSAMPLE = 1 MSPS
10
15
µA
Power-Down Mode
VDRIVE = 5.25 V
1
µA
VDRIVE = 3 V
1
µA
Total Power Dissipation7
VIN = 0 V
Normal Mode—Static
VDD = VDRIVE = 5.25 V
0.130
0.290
mW
VDD = VDRIVE = 3 V
0.070
0.149
mW
Normal Mode—Operational
VDD = VDRIVE = 5.25 V, fSAMPLE = 1 MSPS
2.8
3.4
mW
VDD = VDRIVE = 3 V, fSAMPLE = 1 MSPS
1.4
1.7
mW
VDD = VDRIVE = 3 V, fSAMPLE = 100 SPS
0.080
mW
Power-Down Mode
VDD = 5.25 V
3
95
µW
VDD = 5.25 V, TA = −40°C to +85°C
3
33
µW
VDD = VDRIVE = 3 V
1.4
50
µW
1
Multiplexer input voltage should not exceed VDD.
2
Sample tested during initial release to ensure compliance.
3
When referring to a single function of a multifunction pin in the parameters, only the portion of the pin name that is relevant to the specification is listed. For full pin
names of multifunction pins, refer to the Pin Configurations and Function Descriptions section.
4
Device is functional and meets dynamic performance/dc accuracy specifications with VDRIVE down to 1.8 V, but the device is not capable of achieving a throughput of
1 MSPS.
5
SCLK operates in burst mode, and CS idles high. With a free running SCLK and CS pulled low, the IDD static current is increased by 30 µA typical at VDD = 5.25 V.
6
SCLK operates in burst mode, and CS idles high. With a free running SCLK and CS pulled low, the IDRIVE static current is increased by 32 µA typical at VDRIVE = 5.25 V.
7
Total power dissipation includes contributions from VDD, VDRIVE, and REFIN (see Note 2).


Podobny numer części - AD7091R-4BCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AD7091R-4BRUZ ETC2-AD7091R-4BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
AD7091R-4BRUZ-RL7 ETC2-AD7091R-4BRUZ-RL7 Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
More results

Podobny opis - AD7091R-4BCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Analog Devices
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com