Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7768-4BSTZ Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7768-4BSTZ
Szczegółowy opis  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7768-4BSTZ Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7768-4BSTZ Datasheet HTML 7Page - Analog Devices AD7768-4BSTZ Datasheet HTML 8Page - Analog Devices AD7768-4BSTZ Datasheet HTML 9Page - Analog Devices AD7768-4BSTZ Datasheet HTML 10Page - Analog Devices AD7768-4BSTZ Datasheet HTML 11Page - Analog Devices AD7768-4BSTZ Datasheet HTML 12Page - Analog Devices AD7768-4BSTZ Datasheet HTML 13Page - Analog Devices AD7768-4BSTZ Datasheet HTML 14Page - Analog Devices AD7768-4BSTZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
Data Sheet
AD7768/AD7768-4
Rev. A | Page 11 of 99
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Eco
AVDD1 = 5 V, AVDD2 = IOVDD = 2.5 V,
reference precharge buffers off2
75
85
mW
AVDD1 = 5 V, AVDD2 = IOVDD = 3.3 V,
reference precharge buffers on2
107
118
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V, IOVDD =
3.6 V, reference precharge buffers off
124
137
mW
Sinc5 Filter
Fast
AVDD1 = 5 V, AVDD2 = IOVDD = 2.5 V,
reference precharge buffers off2
325
355
mW
AVDD1 = 5 V, AVDD2 = IOVDD = 3.3 V,
reference precharge buffers on2
475
525
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V, IOVDD =
3.6 V, reference precharge buffers off
501
545
mW
Median
AVDD1 = 5 V, AVDD2 = IOVDD = 2.5 V,
reference precharge buffers off2
175
195
mW
AVDD1 = 5 V, AVDD2 = IOVDD = 3.3 V,
reference precharge buffers on2
260
285
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V, IOVDD =
3.6 V, reference precharge buffers off
277
304
mW
Eco
AVDD1 = 5 V, AVDD2 = IOVDD = 2.5 V,
reference precharge buffers off2
65
72
mW
AVDD1 = 5 V, AVDD2 = IOVDD = 3.3 V,
reference precharge buffers on2
95
105
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V, IOVDD =
3.6 V, reference precharge buffers off
108
120
mW
AD7768-4
Wideband Filter
Fast
AVDD1 = 5 V, AVDD2 = IOVDD = 2.5 V,
reference precharge buffers off
235
mW
AVDD1 = 5 V, AVDD2 = IOVDD = 3.3 V,
reference precharge buffers on
336
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V, IOVDD =
3.6 V, reference precharge buffers off2
360
392
mW
SPI mode only; AVDD1 = 5.5 V, AVDD2 =
5.5 V, IOVDD = 3.6 V, reference precharge
buffers off, Channel Mode A set to sinc5
filter8
337
368
mW
Median
AVDD1 = 5 V, AVDD2 = IOVDD = 2.5 V,
reference precharge buffers off
127
mW
AVDD1 = 5 V, AVDD2 = IOVDD = 3.3 V,
reference precharge buffers on
181
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V, IOVDD =
3.6 V, reference precharge buffers off2
198
218
mW
SPI mode only; AVDD1 = 5.5 V, AVDD2 =
5.5 V, IOVDD = 3.6 V, reference precharge
buffers off, Channel Mode A set to sinc5
filter8
186
205
mW
Eco
AVDD1 = 5 V, AVDD2 = IOVDD = 2.5 V,
reference precharge buffers off
49
mW
AVDD1 = 5 V, AVDD2 = IOVDD = 3.3 V,
reference precharge buffers on
66
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V, IOVDD =
3.6 V, reference precharge buffers off2
77
87
mW
SPI mode only; AVDD1 = 5.5 V, AVDD2 =
5.5 V, IOVDD = 3.6 V, reference precharge
buffers off, Channel Mode A set to sinc5
filter8
73
83
mW


Podobny numer części - AD7768-4BSTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7768-4 AD-AD7768-4 Datasheet
3Mb / 34P
   36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
More results

Podobny opis - AD7768-4BSTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7761 AD-AD7761_17 Datasheet
1Mb / 76P
   8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
AD7761 AD-AD7761 Datasheet
1Mb / 69P
   8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com