Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7768-4BSTZ-RL Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7768-4BSTZ-RL
Szczegółowy opis  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7768-4BSTZ-RL Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7768-4BSTZ-RL Datasheet HTML 6Page - Analog Devices AD7768-4BSTZ-RL Datasheet HTML 7Page - Analog Devices AD7768-4BSTZ-RL Datasheet HTML 8Page - Analog Devices AD7768-4BSTZ-RL Datasheet HTML 9Page - Analog Devices AD7768-4BSTZ-RL Datasheet HTML 10Page - Analog Devices AD7768-4BSTZ-RL Datasheet HTML 11Page - Analog Devices AD7768-4BSTZ-RL Datasheet HTML 12Page - Analog Devices AD7768-4BSTZ-RL Datasheet HTML 13Page - Analog Devices AD7768-4BSTZ-RL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 99 page
background image
AD7768/AD7768-4
Data Sheet
Rev. A | Page 10 of 99
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
IOVDD Current
Wideband filter2
10
11.1
mA
Wideband filter, SPI mode only;
Channel Mode A set to sinc5 filter8
9
10
mA
Sinc5 filter2
6.5
7.6
mA
AD7768 and AD7768-4—Two
Channels Active2
Serial peripheral interface (SPI) control
mode only; see the Channel Standby
section for details on disabling channels
Fast Mode
AVDD1 Current
Reference precharge buffers off/on
9.3/14.7
10.5/16.6
mA
AVDD2 Current
9.5
10.5
mA
IOVDD Current
Wideband filter
33.7
36.3
mA
Wideband filter; disabled channels in
Channel Mode A, and set to sinc5 filter
mode8
23.4
25.5
mA
Sinc5 filter
11.9
13.3
mA
Median Mode
AVDD1 Current
Reference precharge buffers off/on
4.8/7.5
5.5/8.6
mA
AVDD2 Current
5.5
6.2
mA
IOVDD Current
Wideband filter
19.4
21.1
mA
Wideband filter; disabled channels in
Channel Mode A, and set to sinc5 filter
mode8
14.1
15.5
mA
Sinc5 filter
8.5
9.6
mA
Eco Mode
AVDD1 Current
Reference precharge buffers off/on
1.52/2.2
1.77/2.6
mA
AVDD2 Current
2.4
3
mA
IOVDD Current
Wideband filter
8.6
9.7
mA
Wideband filter; disabled channels in
Channel Mode A, and set to sinc5 filter
mode8
7.2
8
mA
Sinc5 filter
5.8
6.7
mA
Standby Mode
All channels disabled (sinc5 filter enabled)
6.5
8
mA
Sleep Mode2
Full power-down (SPI control mode only)
0.73
1.2
mA
Crystal Excitation Current
Extra current in IOVDD when using an
external crystal compared to using the
CMOS MCLK
540
µA
POWER DISSIPATION
External CMOS MCLK, all channels
active, MCLK = 32.768 MHz, all channels
in Channel Mode A except where
otherwise specified
Full Operating Mode
Analog precharge buffers on
AD7768
Wideband Filter
Fast
AVDD1 = 5 V, AVDD2 = IOVDD = 2.5 V,
reference precharge buffers off2
412
446
mW
AVDD1 = 5 V, AVDD2 = IOVDD = 3.3 V,
reference precharge buffers on2
600
645
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V, IOVDD =
3.6 V, reference precharge buffers off
631
681
mW
Median
AVDD1 = 5 V, AVDD2 = IOVDD = 2.5 V,
reference precharge buffers off2
220
240
mW
AVDD1 = 5 V, AVDD2 = IOVDD = 3.3 V,
reference precharge buffers on2
320
345
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V, IOVDD =
3.6 V, reference precharge buffers off
341
372
mW


Podobny numer części - AD7768-4BSTZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7768-4 AD-AD7768-4 Datasheet
3Mb / 34P
   36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
More results

Podobny opis - AD7768-4BSTZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7761 AD-AD7761_17 Datasheet
1Mb / 76P
   8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
AD7761 AD-AD7761 Datasheet
1Mb / 69P
   8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com